Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61510AFP Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # M61510AFP
Description  Sound Controller for Quality/Sound Field Control, with Built-in Surround Sound
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61510AFP Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button M61510AFP Datasheet HTML 14Page - Renesas Technology Corp M61510AFP Datasheet HTML 15Page - Renesas Technology Corp M61510AFP Datasheet HTML 16Page - Renesas Technology Corp M61510AFP Datasheet HTML 17Page - Renesas Technology Corp M61510AFP Datasheet HTML 18Page - Renesas Technology Corp M61510AFP Datasheet HTML 19Page - Renesas Technology Corp M61510AFP Datasheet HTML 20Page - Renesas Technology Corp M61510AFP Datasheet HTML 21Page - Renesas Technology Corp M61510AFP Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
M61510AFP
Rev.1.00, Aug.07.2003, page 18 of 22
(7-2) Using internal surround [2]
<"D5d=0", "D13d=1"
→ Volume input selector A fixed at B, SW41, 42 fixed at A,
REC-B/C SW fixed to OFF>
Volume input
selector B
TONE
SURROUND
TONE
Input
selector
Input
selector
Volume input
selector A
Volume input
selector A
Tone input
selector
Volume input
selector B
Tone input
selector
CH2
input
CH1
input
A
B
A
B
B
A
A
B
A
B
A
B
A
B
A
B
REC-A
SW
REC-A
SW
REC-C
SW
REC-B
SW
REC-B
SW
REC-C
S W
OUT2
OUT1
SW41
SW42
Fixed at A
A
B
C
D
E
A
B
C
D
E
M61510AFP
Fixed at OFF
Fixed at OFF
Fixed at B
Fixed at B
External
circuit
REC-A
OUT
External
circuit
REC-A
OUT
*M61510AFP Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com