Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61510AFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M61510AFP
Description  Sound Controller for Quality/Sound Field Control, with Built-in Surround Sound
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61510AFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M61510AFP Datasheet HTML 3Page - Renesas Technology Corp M61510AFP Datasheet HTML 4Page - Renesas Technology Corp M61510AFP Datasheet HTML 5Page - Renesas Technology Corp M61510AFP Datasheet HTML 6Page - Renesas Technology Corp M61510AFP Datasheet HTML 7Page - Renesas Technology Corp M61510AFP Datasheet HTML 8Page - Renesas Technology Corp M61510AFP Datasheet HTML 9Page - Renesas Technology Corp M61510AFP Datasheet HTML 10Page - Renesas Technology Corp M61510AFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
M61510AFP
Rev.1.00, Aug.07.2003, page 7 of 22
Setting Codes
(Data other than the following settings should not be sent)
Bypass
D9d
(3) Volume input selector A
0
1
(1) Tone control (treble/mid/bass)
Volume input
selector A setting
OFF
Surround
setting
D3d
(11) Surround
1
0
0
H
L
1
1
(12) Input volume
0 dB
Input volume
setting
D6d
D7d
D8d
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
-2 dB
-4 dB
0
0
1
1
1
1
1
1
-6 dB
-8 dB
-10 dB
-12 dB
-14 dB
1
0
0
M
1
(9) Input selector
A ch
B ch
C ch
INPUT
D0d
D1d
D2d
0
0
0
0
0
0
0
0
1
1
1
1
1
D ch
ALL OFF
11
(2) Loudness
OFF
ON
D12d
Loudness
(10) REC-A,B,C switch
OFF
ON
D11d
REC output
0
1
0
1
D4d
10
0
E ch
(5) Tone input selector
External
surround input
Internal
surround input
D12c
Tone input
setting
1
Bypass
0
Bypass
D10d
(4) Volume input selector B
0
1
Volume input
selector B setting
Tone
0dB
D13b
(6) E input ATT switch
0
1
E input ATT
switch
-5/-8 dB
(7) D input ATT switch
*Controllable only when D5d=1
*Controllable only when D5d = 0
0dB
D12b
0
1
D input ATT
switch
-5/-8 dB
D0a
D1a
D2a
D3a
0dB
- 2 dB
- 4 dB
- 6 dB
- 8 dB
+ 2dB
+ 4dB
+ 6dB
+ 8dB
D8a
D9a
DAa
DBa
D4a
D5a
D6a
D7a
Treble
Mid
Bass
ATT
amount
1
1
1
1
0
0
0
0
0
1
0
0
0
0
0
0
0
1
0
1
1
0
0
0
1
1
0
0
1
0
1
0
1
0
1
0
(8) Vocal cut switch
OFF
D12a
0
1
Vocal cut
switch
ON
(13) D/E input ATT amount switch
-5 dB
D13c
0
1
D/E input
ATT switch(*1)
-8 dB
Data
AB
C
D4d
D9d
*REC-B controllable only when D5d = 1
REC-C controllable only when D5d = 0 and D13d = 0
(*1) ATT amount when an Rin = 12 k
Ω input resistance is connected to the D/E input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com