Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61510AFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M61510AFP
Description  Sound Controller for Quality/Sound Field Control, with Built-in Surround Sound
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61510AFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M61510AFP Datasheet HTML 2Page - Renesas Technology Corp M61510AFP Datasheet HTML 3Page - Renesas Technology Corp M61510AFP Datasheet HTML 4Page - Renesas Technology Corp M61510AFP Datasheet HTML 5Page - Renesas Technology Corp M61510AFP Datasheet HTML 6Page - Renesas Technology Corp M61510AFP Datasheet HTML 7Page - Renesas Technology Corp M61510AFP Datasheet HTML 8Page - Renesas Technology Corp M61510AFP Datasheet HTML 9Page - Renesas Technology Corp M61510AFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
M61510AFP
Rev.1.00, Aug.07.2003, page 6 of 22
Data Input Format
(Data other than the following settings should not be sent)
By changing the D14 and D15 slot setting states, any of four input formats can be selected.
(However, each time the power is turned on, after sending the following MUTE release data, initial settings should be
made for the data of all four formats.)
RE C-A
ON : 1
OFF : 0
Loud-
ness
switch
MUTE release data (X indicates any setting)
(1)
(2)
Chip address
00
Tone control
mid
Tone control
bass
Tone control
treble
00
(3)
0
0
Second-stage
main volume CH1
First-stage
main volume CH1
01
0
0
Second-stage
main volume CH2
First-stage
main volume CH2
10
(4)
Volume
input
selector
A
0
0
Input selector
Input volume
11
1
Volume
input
selec-
tor B
REC-C
ON : 1
OFF: 0
Surround
0
Note 1) Using external surround ("D5d=1", "D13d=0")
→ SW41, 42 settings fixed at B, REC-C SW fixed at OFF
Using internal surround [1] ("D5d=0", "D13d=0")
→ SW41, 42 settings fixed at A, REC-B SW fixed at OFF,
volume input selector A setting fixed at A.
Note 2) The following settings are used to mute the output pin at power-on.
Input selector = ALL OFF, external surround mode setting, REC-A to C SW=OFF, second-stage main volume =-
∞
(and, when D14=D15=1 and D16=D17=0, by setting D3d=D5d=1, mute can be similarly set)
RE C-B
ON : 1
OFF : 0
Note 1) Using
external
surround
E input
ATT
SW
D input
ATT
SW
Tone
input
selector
Note2:
Mute
Vocal
cut
D/E input
ATTSW
-5/-8 dB
D0a D1a D2a D3a D4a D5a D6a D7a D8a D9a D10a D11a D12a D13a D14 D15 D16 D17
D0b D1b D2b D3b D4b D5b D6b D7b D8b D9b D10b D11b D12b D13b D14 D15 D16 D17
D0c D1c D2c D3c D4c D5c D6c D7c D8c D9c D10c D11c D12c D13c D14 D15 D16 D17
D0d D1d D2d D3d D4d D5d D6d D7d D8d D9d D10d D11d D12d D13d D14 D15 D16 D17
0
0
D0d D1d D2d D3d D4d D5d D6d D7d D8d D9d D10dD11dD12dD13d D14 D15 D16 D17
XXX
0
X
1
XX
X
X
XXX
1
1
0
0
1
Note 1) Using
internal
surround [1]
Note 3) Using
internal
surround [2]
0
X
Note 3) This function is added in the M61510AFP
When using internal surround [2] ("D5d=0", "D13d=1")
→ SW41, 42 fixed at A,
REC-B/C SW fixed at OFF, volume input selector A setting fixed at B
It is the same as that of
M61510FP
*Regarding [1]/[2] when using internal surround
*Using internal surround [1] (same function as in existing model M61510FP)
In this mode only the internal surround function is used, and external circuitry is not used.
*Using internal surround [2] (function unique to M61510AFP, added to this IC)
In this mode the internal surround function is used, and in addition an external circuit is connected and used.
(However, because REC-C is fixed at OFF, use as the REC output is not possible.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com