Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61510AFP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M61510AFP
Description  Sound Controller for Quality/Sound Field Control, with Built-in Surround Sound
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61510AFP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M61510AFP Datasheet HTML 10Page - Renesas Technology Corp M61510AFP Datasheet HTML 11Page - Renesas Technology Corp M61510AFP Datasheet HTML 12Page - Renesas Technology Corp M61510AFP Datasheet HTML 13Page - Renesas Technology Corp M61510AFP Datasheet HTML 14Page - Renesas Technology Corp M61510AFP Datasheet HTML 15Page - Renesas Technology Corp M61510AFP Datasheet HTML 16Page - Renesas Technology Corp M61510AFP Datasheet HTML 17Page - Renesas Technology Corp M61510AFP Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
M61510AFP
Rev.1.00, Aug.07.2003, page 14 of 22
3-3 Treble (boost)
3-4 Treble (cut)
Gv = 20log
R1+R2
R1
(dB)
IN
OUT
R1
R2
C1
Gv = 20log
R1+R2
R1
(dB)
IN
OUT
R1
R2
C1
0dB
+8dB
100
1k
10k
Frequency f (Hz)
<Characteristic curves>
Bass
Mid
Treble
+8 dB setting
-8dB
–8 dB setting
Setting
R1
R2
+2dB
16.0k
4.4k
+4dB
12.6k
7.8k
+6dB
9.7k
10.7k
+8dB
7.1k
13.3k
R1
R2
–2dB
16.0k
4.4k
–4dB
12.6k
7.8k
–6dB
9.7k
10.7k
–8dB
7.1k
13.3k
*Internal resistance values (units:
Ω)
<Boost>
<Cut>
Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com