Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4MP Datasheet (PDF) - NXP Semiconductors

F4MP Datasheet PDF - NXP Semiconductors
Part # F4MP
Download  F4MP Download
File Size   964.04 Kbytes
Page   37 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch

F4MP Datasheet (PDF)

Go To PDF Page Download Datasheet
F4MP Datasheet PDF - NXP Semiconductors

Part # F4MP
Download  F4MP Click to download

File Size   964.04 Kbytes
Page   37 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch

F4MP Datasheet (HTML) - NXP Semiconductors


F4MP Product details

PTN3355 is a DisplayPort to VGA adapter with an integrated 1 : 2 VGA switch optimized
primarily for motherboard applications, to convert a DisplayPort signal from the chip set to an analog video signal that directly connects to the VGA connector. PTN3355 integrates a DisplayPort receiver, a high-speed triple video digital-to-analog converter and 1 : 2 VGA switch that supports a wide range of display resolutions, for example, VGA to WUXGA (see Table 9). PTN3355 supports either one or two DisplayPort lanes operating at either2.7 Gbit/s or 1.62 Gbit/s per lane.

PTN3355 supports I2C-bus over AUX per DisplayPort standard (Ref. 1), and bridges the
VESA DDC channel to the DisplayPort Interface.

PTN3355 is powered from a 3.3 V power supply and consumes approximately 200 mW of
power for video streaming in WUXGA resolution and 410 W of power in Low-power
mode. The VGA output is powered down when there is no valid DisplayPort source data
being transmitted. PTN3355 also aids in monitor detection by performing load sensing on
RGB lines and reporting sink connection status to the source.

2.1 VESA-compliant DisplayPort converter
 Main Link: 1-lane and 2-lane modes supported
 HBR (High Bit Rate) at 2.7 Gbit/s per lane
 RBR (Reduced Bit Rate) at 1.62 Gbit/s per lane
 BER (Bit Error Rate) better than 109
 DisplayPort Link down-spreading supported
 1 MHz AUX channel
 Supports native AUX CH syntax
 Supports I2C-bus over AUX CH syntax
 Active HIGH Hot Plug Detect (HPD) signal to the source
2.2 VESA-compliant eDP extensions
 Supports Alternate Scrambler Seed Reset (ASSR)
 Supports Alternate Enhanced Framing mode - Enhanced Framing




Similar Part No. - F4MP

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
F4M3 EDAL-F4M3 Datasheet
839Kb / 2P
Silicon Power Rectifiers
More results


Similar Description - F4MP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P134000VGAV2 TRIPPLITE-P134000VGAV2 Datasheet
519Kb / 2P
DisplayPort 1.2 to VGA Compact Adapter Converter (DP-Male to VGA-Female)
P13706NVGAV2 TRIPPLITE-P13706NVGAV2 Datasheet
492Kb / 2P
Mini DisplayPort 1.2 to VGA Adapter Converter (Mini-DP Male to VGA Female), 6-in
B155-002-VGA TRIPPLITE-B155-002-VGA Datasheet
498Kb / 2P
2-Port Mini DisplayPort to VGA Splitter
B157-002-VGA TRIPPLITE-B157-002-VGA Datasheet
499Kb / 2P
2-Port DisplayPort to VGA Splitter
P134-000-VGA-V2 TRIPPLITE-P134-000-VGA-V2 Datasheet
172Kb / 2P
DisplayPort 1.2 to VGA Active Compact Adapter (DP-Male to VGA-Female)
P137-06N-VGA-V2 TRIPPLITE-P137-06N-VGA-V2 Datasheet
158Kb / 2P
Keyspan Mini DisplayPort 1.2 to VGA Active Adapter Converter (Mini-DP Male to VGA Female), Thunderbolt 1 & 2 Compatible, 6-in.
logo
IOGEAR
GDPVGAW6 IOGEAR-GDPVGAW6 Datasheet
132Kb / 2P
DisplayPort to VGA Adapter Cable
GMDPVGAW6 IOGEAR-GMDPVGAW6 Datasheet
130Kb / 2P
Mini DisplayPort to VGA Adapter Cable
logo
Kinetic Technologies.
STDP3150 KINETIC-STDP3150 Datasheet
135Kb / 5P
DisplayPort to VGA Converter
April 2020 - Revision 03b
logo
Chrontel, Inc.
CH7517 CHRONTEL-CH7517 Datasheet
204Kb / 7P
CH7517 DisplayPort to VGA Converter
Rev 1.2 2020-7-14
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com