Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4MP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # F4MP
Description  Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

F4MP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button F4MP Datasheet HTML 2Page - NXP Semiconductors F4MP Datasheet HTML 3Page - NXP Semiconductors F4MP Datasheet HTML 4Page - NXP Semiconductors F4MP Datasheet HTML 5Page - NXP Semiconductors F4MP Datasheet HTML 6Page - NXP Semiconductors F4MP Datasheet HTML 7Page - NXP Semiconductors F4MP Datasheet HTML 8Page - NXP Semiconductors F4MP Datasheet HTML 9Page - NXP Semiconductors F4MP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
PTN3355
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3.1 — 4 November 2016
6 of 37
NXP Semiconductors
PTN3355
Low power DP to VGA adapter with integrated 1 : 2 VGA switch
[1]
HVQFN40 package die supply ground is connected to exposed center pad. Exposed center pad must be connected to supply ground for
proper device operation. For enhanced thermal, electrical, and board level performance, the exposed pad must be soldered to the board
using a corresponding thermal pad on the board and for proper heat conduction through the board, thermal vias must be incorporated in
the PCB in the thermal pad region.
ML1_N
10
self-biasing differential
input
DisplayPort Main Link lane 1 negative input
RST_N
11
3.3 V digital input
Reset input active LOW; pulled up to VDD(3V3) internally
DDC_SDA2
12
5 V open-drain I/O
DDC I2C-bus data for channel 2
HPD
13
3.3 V digital I/O
DisplayPort Hot Plug Detection output
CFG1_SCL
14
5 V open-drain I/O
General purpose configuration pin CFG1 or slave I2Cclock
CFG5
15
3.3 V digital I/O
Configuration pin supporting trinary input
CFG3
16
3.3 V digital I/O
Reserved
CFG2_SDA
17
5 V open-drain I/O
General purpose configuration pin CFG2 or slave I2Cdata
VSYNC2
18
3.3 V 50
 digital I/O
Vertical sync for channel 2
HSYNC2
19
3.3 V 50
 digital I/O
Horizontal sync for channel 2
DDC_SCL1
20
5 V open-drain I/O
DDC I2C-bus clock for channel 1
VDDE33_IO
21
power
3.3 V power supply for I/O
DDC_SDA1
22
5 V open-drain I/O
DDC I2C-bus data for channel 1
DDC_SCL2
23
5 V open-drain I/O
DDC I2C-bus clock for channel 2
VSYNC1
24
3.3 V 50
 digital I/O
Vertical sync for channel 1
HSYNC1
25
3.3 V 50
 digital I/O
Horizontal sync for channel 1
BLU1
26
analog output
Blue DAC analog output for channel 1
BLU2
27
analog output
Blue DAC analog output for channel 2
GRN1
28
analog output
Green DAC analog output for channel 1
GRN2
29
analog output
Green DAC analog output for channel 2
RSET
30
input
Resistor for DAC output reference control
RED1
31
analog output
Red DAC analog output for channel 1
RED2
32
analog output
Red DAC analog output for channel 2
OSC_IN
33
input
Crystal oscillator input
OSC_OUT
34
output
Crystal oscillator output
VDDA15_DAC
35
power
1.5 V power supply for DAC; power provided to this pin from SWOUT
pin
VDDD15
36
power
1.5 V power supply for digital core; power provided to this pin from
SWOUT pin
TESTMODE
37
input
Test mode selection for CFG/JTAG and I2C slave address selection;
supports trinary input
PVDD33
38
power
3.3 V power supply for switching regulator
SWOUT
39
power
Switching regulator output
PGND
40
ground
Ground for switching regulator
GND[1]
-
power
central supply ground connection (exposed die pad)
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com