Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4MP Datasheet(PDF) 26 Page - NXP Semiconductors

Part # F4MP
Description  Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

F4MP Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button F4MP Datasheet HTML 22Page - NXP Semiconductors F4MP Datasheet HTML 23Page - NXP Semiconductors F4MP Datasheet HTML 24Page - NXP Semiconductors F4MP Datasheet HTML 25Page - NXP Semiconductors F4MP Datasheet HTML 26Page - NXP Semiconductors F4MP Datasheet HTML 27Page - NXP Semiconductors F4MP Datasheet HTML 28Page - NXP Semiconductors F4MP Datasheet HTML 29Page - NXP Semiconductors F4MP Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
PTN3355
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3.1 — 4 November 2016
26 of 37
NXP Semiconductors
PTN3355
Low power DP to VGA adapter with integrated 1 : 2 VGA switch
15. Packing information
SOT618-1
HVQFN40; Reel dry pack, SMD, 13”; Q2/T3 turn product orientation
Orderable part number ending ,528 or MP; Ordering code (12NC) ending 528
15.1 Packing method
[1]
d = reel diameter; w = tape width.
Fig 10. Dry reel pack for SMD
Table 23.
Dimensions and quantities
Reel dimensions
d
 w (mm) [1]
SPQ/PQ (pcs)
Reels per box
Outer box dimensions
l
 w  h (mm)
330
 16
4000
1
339
 335  43
Relative humidity
indicator
Barcode label
Bag
ESD print
Moisture caution
print
Dry-agent
Cover tape
Carrier tape
Barcode label
ESD embossed
Reel assembly
Printed plano box
Guard band
Tape
aaa-005677
Drypack ID sticker
Space for additional
label
Preprinted ESD
warning
Barcode label
QA seal
Printed plano box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com