Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4MP Datasheet(PDF) 15 Page - NXP Semiconductors

Part # F4MP
Description  Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

F4MP Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button F4MP Datasheet HTML 11Page - NXP Semiconductors F4MP Datasheet HTML 12Page - NXP Semiconductors F4MP Datasheet HTML 13Page - NXP Semiconductors F4MP Datasheet HTML 14Page - NXP Semiconductors F4MP Datasheet HTML 15Page - NXP Semiconductors F4MP Datasheet HTML 16Page - NXP Semiconductors F4MP Datasheet HTML 17Page - NXP Semiconductors F4MP Datasheet HTML 18Page - NXP Semiconductors F4MP Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
PTN3355
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3.1 — 4 November 2016
15 of 37
NXP Semiconductors
PTN3355
Low power DP to VGA adapter with integrated 1 : 2 VGA switch
10.1 Display resolution
Table 9 lists some example display resolutions and clock rates that PTN3355 supports.
(Refer to Footnote 1 on page 2.)
[1]
Contact NXP team for other monitor timings not listed in this table.
The available bandwidth over a 2-lane HBR DisplayPort v1.2a link limits pixel clock rate
support to:
• 240 MHz at 6 bpc
• 180 MHz at 8 bpc
Table 9.
Display resolution and pixel clock rate[1]
Display
type
Active video
Total frame
Bits
per
pixel
Vertical
frequency
(Hz)
Pixel
clock
(MHz)
Data
rate
(Gbit/s)
Standard type
Horizontal Vertical Horizontal
total (pixel)
Vertical
total (line)
VGA
640
480
800
525
24
59.94
25.175
0.76
Industry standard
SVGA
800
600
1056
628
24
60.317
40.000
1.20
VESA guidelines
XGA
1024
768
1344
806
24
60.004
65.000
1.95
VESA guidelines
XGA+
1152
864
1600
900
24
75
108.000
3.24
VESA standard
HD
1360
768
1792
795
24
60.015
85.500
2.56
VESA standard
HD/WXGA
1366
768
1792
798
24
59.79
85.501
2.57
VESA standard
HD/WXGA
1280
720
1650
750
24
60
74.250
2.23
CEA standard
WXGA
1280
800
1680
831
24
59.81
83.500
2.50
CVT
WXGA
1280
800
1696
838
24
74.934
106.500
3.19
CVT
WXGA
1280
800
1712
843
24
84.88
122.500
3.68
CVT
SXGA
1280
960
1800
1000
24
60
108.000
3.24
VESA standard
SXGA
1280
1024
1688
1066
24
60.02
108.000
3.24
VESA standard
SXGA
1280
1024
1688
1066
24
75.025
135.001
4.05
VESA standard
SXGA
1280
1024
1728
1072
24
85.024
157.500
4.72
VESA standard
SXGA+
1400
1050
1864
1089
24
59.978
121.749
3.65
CVT
WXGA+
1440
900
1904
934
24
59.887
106.499
3.19
CVT
HD+
1600
900
1800
1000
24
60 (RB)
108.000
3.24
VESA standard
UXGA
1600
1200
2160
1250
24
60
162.000
4.86
VESA standard
UXGA
1600
1200
2160
1250
24
65
175.500
5.27
VESA standard
WSXGA+
1680
1050
2240
1089
24
59.954
146.249
4.39
CVT
FHD
1920
1080
2200
1125
24
60
148.500
4.46
CEA standard
WUXGA
1920
1200
2592
1245
18
59.885
193.251
4.35
CVT
WUXGA
1920
1200
2080
1235
24
59.95 (RB) 154.000
4.62
CVT RB
2.76M3
1920
1440
2600
1500
18
60
234.000
5.27
VESA standard
QWXGA
2048
1152
2250
1200
24
60 (RB)
162.000
4.86
CVT RB
QXGA
2048
1536
2128
1573
24
49.95 (RB) 167.20
5.02
CVT RB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com