Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4MP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # F4MP
Description  Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

F4MP Datasheet(HTML) 5 Page - NXP Semiconductors

  F4MP Datasheet HTML 1Page - NXP Semiconductors F4MP Datasheet HTML 2Page - NXP Semiconductors F4MP Datasheet HTML 3Page - NXP Semiconductors F4MP Datasheet HTML 4Page - NXP Semiconductors F4MP Datasheet HTML 5Page - NXP Semiconductors F4MP Datasheet HTML 6Page - NXP Semiconductors F4MP Datasheet HTML 7Page - NXP Semiconductors F4MP Datasheet HTML 8Page - NXP Semiconductors F4MP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
PTN3355
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3.1 — 4 November 2016
5 of 37
NXP Semiconductors
PTN3355
Low power DP to VGA adapter with integrated 1 : 2 VGA switch
6.
Pinning information
6.1 Pinning
6.2 Pin description
(1) Exposed die pad.
Fig 2.
Pin configuration for HVQFN40
002aag884
PTN3355BS
VDDE33_IO
ML1_P
ML1_N
DDC_SDA1
VDDA15_DP
DDC_SCL2
ML0_N
VSYNC1
ML0_P
HSYNC1
VDDE33_IO
BLU1
AUX_N
BLU2
AUX_P
GRN1
DOCK_IN
GRN2
VDDA33_DNW
RSET
10
21
9
22
8
23
7
24
6
25
5
26
4
27
3
28
2
29
1
30
terminal 1
index area
Transparent top view
GND(1)
Table 3.
Pin description
Symbol
Pin
Type
Description
VDDA33_DNW
1
power
3.3 V power supply
DOCK_IN
2
3.3 V digital I/O
Docked indication signal
AUX_P
3
self-biasing differential
input
DisplayPort AUX channel positive input
AUX_N
4
self-biasing differential
input
DisplayPort AUX channel negative input
VDDE33_IO
5
power
3.3 V power supply for I/O
ML0_P
6
self-biasing differential
input
DisplayPort Main Link lane 0 positive input
ML0_N
7
self-biasing differential
input
DisplayPort Main Link lane 0 negative input
VDDA15_DP
8
power
1.5 V power supply for DisplayPort PHY; power provided to this pin
from SWOUT pin
ML1_P
9
self-biasing differential
input
DisplayPort Main Link lane 1 positive input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com