Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4MP Datasheet(PDF) 25 Page - NXP Semiconductors

Part # F4MP
Description  Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

F4MP Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button F4MP Datasheet HTML 21Page - NXP Semiconductors F4MP Datasheet HTML 22Page - NXP Semiconductors F4MP Datasheet HTML 23Page - NXP Semiconductors F4MP Datasheet HTML 24Page - NXP Semiconductors F4MP Datasheet HTML 25Page - NXP Semiconductors F4MP Datasheet HTML 26Page - NXP Semiconductors F4MP Datasheet HTML 27Page - NXP Semiconductors F4MP Datasheet HTML 28Page - NXP Semiconductors F4MP Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
PTN3355
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3.1 — 4 November 2016
25 of 37
NXP Semiconductors
PTN3355
Low power DP to VGA adapter with integrated 1 : 2 VGA switch
14. Package outline
Fig 9.
Package outline SOT618-1 (HVQFN40)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT618-1
MO-220
sot618-1_po
02-10-22
13-11-05
Unit
mm
max
nom
min
1.00
0.05
0.2
6.1
4.25
6.1
0.4
A(1)
Dimensions (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
HVQFN40: plastic thermal enhanced very thin quad flat package; no leads;
40 terminals; body 6 x 6 x 0.85 mm
SOT618-1
A1
b
0.30
cD(1)
Dh
E(1)
Eh
4.10
ee1
e2
Lv
w
0.05
y
0.05
y1
0.1
0.85
0.02
6.0
4.10
6.0
0.21
0.3
3.95
0.80
0.00
5.9
3.95
5.9
0.18
0.5
4.5
0.5
4.25
4.5
0.1
e
e
1/2 e
1/2 e
y
terminal 1
index area
A
A1
c
L
Eh
Dh
b
11
20
40
31
30
21
10
1
D
E
terminal 1
index area
0
2.5
5 mm
scale
e1
A
C
C
B
v
w
C
y1
C
e2
X
detail X
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com