Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4MP Datasheet(PDF) 18 Page - NXP Semiconductors

Part # F4MP
Description  Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

F4MP Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button F4MP Datasheet HTML 14Page - NXP Semiconductors F4MP Datasheet HTML 15Page - NXP Semiconductors F4MP Datasheet HTML 16Page - NXP Semiconductors F4MP Datasheet HTML 17Page - NXP Semiconductors F4MP Datasheet HTML 18Page - NXP Semiconductors F4MP Datasheet HTML 19Page - NXP Semiconductors F4MP Datasheet HTML 20Page - NXP Semiconductors F4MP Datasheet HTML 21Page - NXP Semiconductors F4MP Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
PTN3355
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3.1 — 4 November 2016
18 of 37
NXP Semiconductors
PTN3355
Low power DP to VGA adapter with integrated 1 : 2 VGA switch
11. Limiting values
[1]
Human Body Model: ANSI/ESDA/JEDEC JDS-001-2012 (Revision of ANSI/ESDA/JEDEC JS-001-2011), ESDA/JEDEC Joint standard
for ESD sensitivity testing, Human Body Model - Component level; Electrostatic Discharge Association, Rome, NY, USA; JEDEC Solid
State Technology Association, Arlington, VA, USA.
[2]
Charged Device Model: JESD22-C101E December 2009 (Revision of JESD22-C101D, October 2008), standard for ESD sensitivity
testing, Charged Device Model - Component level; JEDEC Solid State Technology Association, Arlington, VA, USA.
12. Recommended operating conditions
Table 11.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD(3V3)
supply voltage (3.3 V)
0.3
+4.6
V
VI
input voltage
3.3 V CMOS inputs
0.3
VDD(3V3) +0.5
V
Tstg
storage temperature
65
+150
C
VESD
electrostatic discharge voltage
HBM
[1] -
7500
V
CDM
[2] -
1000
V
Table 12.
Operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD(3V3)
supply voltage (3.3 V)
2.8
3.3
3.6
V
tr
rise time
supply voltage
-
-
10
ms
VI
input voltage
3.3 V CMOS inputs
0
3.3
3.6
V
SDA and SCL inputs with respect
to ground
05
5.5
V
Rext(RSET)
external resistance on pin RSET between RSET (pin 21) and GND
-
1.20
 1%
-
k
Tamb
ambient temperature
commercial grade
0
-
85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com