Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4MP Datasheet(PDF) 13 Page - NXP Semiconductors

Part # F4MP
Description  Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

F4MP Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button F4MP Datasheet HTML 9Page - NXP Semiconductors F4MP Datasheet HTML 10Page - NXP Semiconductors F4MP Datasheet HTML 11Page - NXP Semiconductors F4MP Datasheet HTML 12Page - NXP Semiconductors F4MP Datasheet HTML 13Page - NXP Semiconductors F4MP Datasheet HTML 14Page - NXP Semiconductors F4MP Datasheet HTML 15Page - NXP Semiconductors F4MP Datasheet HTML 16Page - NXP Semiconductors F4MP Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Parts shown with shading are extra components required in DC-to-DC converter mode to achieve low power performance.
Fig 4.
Application with DC-to-DC converter mode
002aah568
PTN3355
VDDE33_IO
ML1_P
ML1_N
DDC_SDA1
VDDA15_DP
DDC_SCL2
ML0_N
VSYNC1
ML0_P
HSYNC1
VDDE33_IO
BLU1
AUX_N
BLU2
AUX_P
GRN1
DOCK_IN
GRN2
VDDA33_DNW
RSET
10
21
922
823
724
625
526
427
328
229
130
RED
HPD
ML1_P
ML1_N
ML0_N
ML0_P
AUX_N
AUX_P
0.01 μF
VBUCK_1V5
0.1 μF
VDD_3V3
0.1 μF
VDD_3V3
DDC_SCL
0.1 μF
VDD_3V3
DDC_SDA
VSYNC_VGA
HSYNC_VGA
BLU
GRN
1.2 kΩ ± 1 %
0.1 μF
27 MHz
0.1 μF
4.7 μF
VBUCK_1V5
1 μF
(optional)
0.1 μF
2.2 μF
VDD_3V3
+3.3 V
FB
CFG1, CFG2:
11, default
00, if MS bus is not used
10 kΩ
36 Ω
36 Ω
0.1 μF
0.1 μF
ML0_N
ML0_P
0.1 μF
0.1 μF
ML1_N
ML1_P
0.1 μF
0.1 μF
AUX_N
AUX_P
100 kΩ
HPD
CPU/GPU
+3.3 V
VDD_5V
(optional)
MS_SDA_CFG2
MS_SCL_CFG1
Assume SM_BUS has
pull-up on system side.
Resonator (with
built-in capacitors)
MS_SDA_CFG2
MS_SCL_CFG1
CFG5_XTAL
CFG5 open: 27 MHz XTAL is used
CFG3 CFG3 open: not used
2 kΩ
2 kΩ
DDC1_PU
BAT54
VDD_5V
Option design:
ESD protection circuitry
RED_RTN
NC1
RED
GREEN_RTN
SDA
GREEN
BLU_RTN
HS
BLUE
+5V
VS
NC2
GND1
SCL
GND2
GND3
GND4
VGA_CONN
16
17
6
11
1
7
12
2
8
13
3
9
14
4
10
15
5
VDD_CONN_5V
RED_VGA
DDC_SDA
GRN_VGA
HSYNC_VGA
BLU_VGA
VSYNC_VGA
DDC_SCL
BAT54
VDD_5V
22 Ω; 300 mA
22 Ω; 300 mA
22 Ω; 300 mA
PI filter design is
customer specific
RED_VGA
DNL
3.3 pF
GRN_VGA
BLU_VGA
3.3 pF
DNL
3.3 pF
3.3 pF
DNL
3.3 pF
3.3 pF
75 Ω
75 Ω
75 Ω
RED
GRN
BLU
Header 4 (no load)
I2C BIRD PIN OUT
1
2
3
4
Option design
MS_I2C
MS_SCL_CFG1
MS_SDA_CFG2
1
2
3
4
8
7
6
5
74LVC2T45GN
VCCA
1A
2A
GND
VCCB
1B
2B
DIR
0.1 μF
HS_5V
VS_5V
10 kΩ
VDD_3V3
VDD_5V
VDD_3V3
0.1 μF
HSYNC_VGA
VSYNC_VGA
Option design:
Install to support 5 V H/V for
legacy projector and CRTs.
Place 100 nF capacitor as close
as possible to pin 38 and pin 40
without vias at same side as PTN3355.
FB
FB
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com