Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4MP Datasheet(PDF) 23 Page - NXP Semiconductors

Part # F4MP
Description  Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

F4MP Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button F4MP Datasheet HTML 19Page - NXP Semiconductors F4MP Datasheet HTML 20Page - NXP Semiconductors F4MP Datasheet HTML 21Page - NXP Semiconductors F4MP Datasheet HTML 22Page - NXP Semiconductors F4MP Datasheet HTML 23Page - NXP Semiconductors F4MP Datasheet HTML 24Page - NXP Semiconductors F4MP Datasheet HTML 25Page - NXP Semiconductors F4MP Datasheet HTML 26Page - NXP Semiconductors F4MP Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
PTN3355
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3.1 — 4 November 2016
23 of 37
NXP Semiconductors
PTN3355
Low power DP to VGA adapter with integrated 1 : 2 VGA switch
13.6 DAC
13.7 HSYNC, VSYNC characteristics
[1]
The parameter values specified are simulated and absolute values.
13.8 Configuration pins CFG5, DOCK_IN, TESTMODE
Table 19.
DAC characteristics
Over operating free-air temperature range, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Nres(DAC)
DAC resolution
-
-
8
bit
fclk
clock frequency
-
-
240
MHz
I
o(DAC)
DAC output current variation
DAC-to-DAC
-
-
4
%
INL
integral non-linearity
1
0.25
+1
LSB
DNL
differential non-linearity
0.5
0.1
+0.5
LSB
Vo(DAC)max
maximum DAC output voltage
665
700
770
mV
Co(DAC)
DAC output capacitance
-
3.5
-
pF
DAC noise injection ratio
1.5
-
+1.5
%
Table 20.
HSYNC and VSYNC characteristics
Over operating free-air temperature range, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Output characteristics
VOH
HIGH-level output voltage
IOH =8mA;
VDD(3V3) =3.3 V  10 %
2.4
-
-
V
VOL
LOW-level output voltage
IOL = 8mA
-
-
0.5
V
IOSH
HIGH-level short-circuit output current
drive HIGH;
cell connected to ground
[1] --
100
mA
IOSL
LOW-level short-circuit output current
drive LOW;
cell connected to VDD
[1] --
100
mA
Table 21.
Configuration pins characteristics
Over operating free-air temperature range, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input characteristics
VIH
HIGH-level input voltage
0.7
 V
DD(3V3)
--
V
VIL
LOW-level input voltage
0.3
 V
DD(3V3)
V
Weak pull-down characteristics
Ipd
pull-down current
VI =VDD(3V3)
15
30
70
A
Ipu
pull-up current
VI =0V
25
55
90
A
Rext
external resistance
external resistor used on
configuration pins
--
10
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com