Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4MP Datasheet(PDF) 16 Page - NXP Semiconductors

Part # F4MP
Description  Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

F4MP Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button F4MP Datasheet HTML 12Page - NXP Semiconductors F4MP Datasheet HTML 13Page - NXP Semiconductors F4MP Datasheet HTML 14Page - NXP Semiconductors F4MP Datasheet HTML 15Page - NXP Semiconductors F4MP Datasheet HTML 16Page - NXP Semiconductors F4MP Datasheet HTML 17Page - NXP Semiconductors F4MP Datasheet HTML 18Page - NXP Semiconductors F4MP Datasheet HTML 19Page - NXP Semiconductors F4MP Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
PTN3355
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3.1 — 4 November 2016
16 of 37
NXP Semiconductors
PTN3355
Low power DP to VGA adapter with integrated 1 : 2 VGA switch
10.2 Power supply filter
Sufficient decoupling capacitance to ground should be connected from each VDD pin
directly to ground to filter supply noise.
10.3 DAC terminations
Typically, the VGA RGB outputs are (doubly) terminated. Figure 6 shows an example
VGA application. A 75
 termination is used to terminate inside the motherboard, and
another 75
 termination is typically used inside the RGB monitor. The load sensing
mechanism assumes this double termination. Figure 7 is another example of VGA
application with 50
 PCB trace impedance with 150  terminations.
In general, it is left to the system integrator to decide on their specific implementation.
Fig 6.
PTN3355 DAC termination example 1
Fig 7.
PTN3355 DAC termination example 2
002aah582
DAC
RED, GRN, BLU
GND
MOTHERBOARD
PCB
EMI
filter
75 Ω
75 Ω
cable
MONITOR
75 Ω
37.5 Ω
PCB traces
75 Ω
PCB traces
close to
VGA connector
aaa-010215
DAC
RED, GRN, BLU
GND
MOTHERBOARD
PCB
EMI
filter
150 Ω
75 Ω
cable
MONITOR
75 Ω
37.5 Ω
PCB traces
50 Ω
PCB traces
150 Ω
75 Ω
PCB traces
close to
PTN3355
close to
VGA connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com