Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4MP Datasheet(PDF) 14 Page - NXP Semiconductors

Part # F4MP
Description  Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

F4MP Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button F4MP Datasheet HTML 10Page - NXP Semiconductors F4MP Datasheet HTML 11Page - NXP Semiconductors F4MP Datasheet HTML 12Page - NXP Semiconductors F4MP Datasheet HTML 13Page - NXP Semiconductors F4MP Datasheet HTML 14Page - NXP Semiconductors F4MP Datasheet HTML 15Page - NXP Semiconductors F4MP Datasheet HTML 16Page - NXP Semiconductors F4MP Datasheet HTML 17Page - NXP Semiconductors F4MP Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Fig 5.
Application with LDO mode
aaa-010214
PTN3355
VDDE33_IO
ML1_P
ML1_N
DDC_SDA1
VDDA15_DP
DDC_SCL2
ML0_N
VSYNC1
ML0_P
HSYNC1
VDDE33_IO
BLU1
AUX_N
BLU2
AUX_P
GRN1
DOCK_IN
GRN2
VDDA33_DNW
RSET
10
21
922
823
724
625
526
427
328
229
130
U1
RED
HPD
ML1_P
ML1_N
ML0_N
ML0_P
0.1 μF
0.1 μF
VDD_3V3
0.1 μF
VDD_3V3
DDC_SCL
0.1 μF
VDD_3V3
DDC_SDA
VSYNC_VGA
HSYNC_VGA
BLU
GRN
1.2 kΩ ± 1 %
0.1 μF
27 MHz
resonator (with
built-in capacitors)
VDD_3V3
0.1 μF
0.1 μF
ML0_N
ML0_P
0.1 μF
0.1 μF
ML1_N
ML1_P
0.1 μF
0.1 μF
AUX_N
AUX_P
HPD
CPU/GPU
VDD_3V3
CFG1, CFG2:
11, default
00, if MS bus is not used
VDD_5V
36 Ω
36 Ω
AUX_N
AUX_P
MS_SDA_CFG2
MS_SCL_CFG1
CFG5_XTAL
CFG3
2.2 kΩ
2.2 kΩ
VDD_5V
C59
Assume SMBus has pull-up on system side.
C21
C60
C61
C10
C11
MS_SCL_CFG1
MS_SDA_CFG2
CFG3
MS_SCL_CFG1
MS_SDA_CFG2
CFG5_XTAL
TESTMODE
DOCK_IN
TESTMODE open: I2C address = C0h
CFG5 open: 27 MHz XTAL is used
CFG3 open: not used
RED_RTN
NC1
RED
GREEN_RTN
SDA
GREEN
BLU_RTN
HS
BLUE
+5V
VS
NC2
GND1
SCL
GND2
GND3
GND4
VGA_CONN
16
17
6
11
1
7
12
2
8
13
3
9
14
4
10
15
5
VDD_5V
RED
DDC_SDA
GRN
HSYNC_VGA
BLU
VSYNC_VGA
DDC_SCL
RED
GRN
BLU
75 Ω
75 Ω
75 Ω
PI filter
design is
customer
specific
VDDD15
VDD_3V3
2.2 μF
4.7 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com