Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4MP Datasheet(PDF) 19 Page - NXP Semiconductors

Part # F4MP
Description  Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

F4MP Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button F4MP Datasheet HTML 15Page - NXP Semiconductors F4MP Datasheet HTML 16Page - NXP Semiconductors F4MP Datasheet HTML 17Page - NXP Semiconductors F4MP Datasheet HTML 18Page - NXP Semiconductors F4MP Datasheet HTML 19Page - NXP Semiconductors F4MP Datasheet HTML 20Page - NXP Semiconductors F4MP Datasheet HTML 21Page - NXP Semiconductors F4MP Datasheet HTML 22Page - NXP Semiconductors F4MP Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
PTN3355
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3.1 — 4 November 2016
19 of 37
NXP Semiconductors
PTN3355
Low power DP to VGA adapter with integrated 1 : 2 VGA switch
13. Characteristics
13.1 Current consumption, power dissipation and thermal characteristics
[1]
VGA monitor remains connected at power-on — this condition is applicable only when PTN3355 is used in most interoperable
(non-compliant) HPD mode (that is, CFG1_SCL/CFG2_SDA is ‘01’ or ‘10’).
Table 13.
Current consumption, power dissipation and thermal characteristics
Over operating free-air temperature range, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD
supply current
normal operation, WUXGA / 193 MHz pixel
clock; VDD(3V3) =3.3 V
-60
-mA
Low power D3 mode; VDD(3V3) =3.3 V
-
124
-
A
P
power dissipation
normal operation, WUXGA / 193 MHz pixel clock
(reduced blanking)
Buck converter mode;
PTN3355 being used as per Figure 4
-200
-mW
LDO mode;
PTN3355 being used as per Figure 5
-405
-mW
Rth(j-a)
thermal resistance from
junction to ambient
in free air for SOT618-1
-
45
-
K/W
Table 14.
Device characteristics
Over operating free-air temperature range, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tstartup
start-up time
device start-up time from power-on to HPD = HIGH;
VGA monitor remains connected at power-on[1];
RST_N = HIGH; supply voltage within operating range to
specified operating characteristics
--100
ms
tw(rst)
reset pulse width
device is supplied with valid supply voltage
10
-
-
s
td(rst)
reset delay time
device reset delay time from RST_N toggling (LOW to
HIGH) until HPD goes HIGH;
VGA monitor remains connected at power-on[1];
supply voltage within operating range to specified
operating characteristics
--100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com