Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4MP Datasheet(PDF) 20 Page - NXP Semiconductors

Part # F4MP
Description  Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

F4MP Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button F4MP Datasheet HTML 16Page - NXP Semiconductors F4MP Datasheet HTML 17Page - NXP Semiconductors F4MP Datasheet HTML 18Page - NXP Semiconductors F4MP Datasheet HTML 19Page - NXP Semiconductors F4MP Datasheet HTML 20Page - NXP Semiconductors F4MP Datasheet HTML 21Page - NXP Semiconductors F4MP Datasheet HTML 22Page - NXP Semiconductors F4MP Datasheet HTML 23Page - NXP Semiconductors F4MP Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
PTN3355
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3.1 — 4 November 2016
20 of 37
NXP Semiconductors
PTN3355
Low power DP to VGA adapter with integrated 1 : 2 VGA switch
13.2 DisplayPort receiver main link
[1]
Ref. 1 supersedes in case of any mismatch of specification items.
[2]
Up to 0.5 % down spread is supported. Modulation frequency range of 30 kHz to 33 kHz must be supported.
[3]
Informative; refer to Figure 8 for definition of differential voltage.
[4]
Common mode voltage is equal to Vbias_RX voltage.
[5]
Total drive current of the input bias circuit when it is shorted to its ground.
[6]
The measurements are always taken with PRBS7 test signal. Minimum CDR closed loop tracking bandwidth at the receiver when the
input is a PRBS7 pattern.
Table 15.
DisplayPort receiver main link characteristics[1]
Over operating free-air temperature range, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
UI
unit interval
for high bit rate
(2.7 Gbit/s per lane)
-370
-ps
for low bit rate
(1.62 Gbit/s per lane)
-617
-ps
f
DOWN_SPREAD
link clock down spreading
[2] 0.0-
0.5%
VRX_DIFFp-p
differential input peak-to-peak
voltage
at RX package pins
for high bit rate
[3] 120
--mV
for reduced bit rate
[3] 40
--mV
VRX_DC_CM
RX DC common mode voltage
[4] 0-
2.0
V
IRX_SHORT
RX short-circuit current limit
[5] --50
mA
CRX
AC coupling capacitor
on DP Main Link and
AUX inputs
75
-
200
nF
fRX_TRACK_BW_HBR
jitter closed loop tracking bandwidth
(High Bit Rate)
[6] 10
-
20
MHz
fRX_TRACK_BW_RBR
jitter closed loop tracking bandwidth
(Reduced Bit Rate)
[6] 5.4
-
20
MHz
pre-emphasis = 20Log(VDIFF_PRE /VDIFF)
Fig 8.
Definitions of pre-emphasis and differential voltage
002aaf363
VD+
VCM
VD−
VDIFF_PRE VDIFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com