Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4MP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # F4MP
Description  Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

F4MP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button F4MP Datasheet HTML 3Page - NXP Semiconductors F4MP Datasheet HTML 4Page - NXP Semiconductors F4MP Datasheet HTML 5Page - NXP Semiconductors F4MP Datasheet HTML 6Page - NXP Semiconductors F4MP Datasheet HTML 7Page - NXP Semiconductors F4MP Datasheet HTML 8Page - NXP Semiconductors F4MP Datasheet HTML 9Page - NXP Semiconductors F4MP Datasheet HTML 10Page - NXP Semiconductors F4MP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
PTN3355
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3.1 — 4 November 2016
7 of 37
NXP Semiconductors
PTN3355
Low power DP to VGA adapter with integrated 1 : 2 VGA switch
7.
Functional description
Referring to Figure 1 “Functional diagram”, the PTN3355 performs protocol conversion
from VESA DisplayPort specification to VESA VGA output. At the physical layer, PTN3355
implements the advanced DisplayPort Front-end technology (Auto receive equalization,
Clock Data Recovery) to support the objectives of delivering excellent Signal Integrity (SI)
performance, and consuming very low power consumption. The PTN3355 integrates a
DisplayPort receiver (according to VESA DisplayPort standard, Ref. 1) and a high-speed
triple 8-bit video digital-to-analog converter that supports a wide range of video resolutions
(see Table 9 “Display resolution and pixel clock rate[1]”), up to a pixel clock rate of
240 MHz. The PTN3355 supports one or two DisplayPort Main Link lanes operating at
either in 2.7 Gbit/s or 1.62 Gbit/s per lane. PTN3355 also integrates a 1 : 2 VGA switch
that enables driving VGA signals either to main board connector or docking connector.
This feature helps realize BOM saving due to removal of discrete VGA switch component.
PTN3355 comprises the following functional blocks:
• DP Main Link
• DP AUX CH (Auxiliary Channel)
• DPCD (DisplayPort Configuration Data)
• VGA monitor detection
• Video DAC
• 1 : 2 VGA switch
The RGB video data with corresponding synchronization references are extracted from
the main stream video data. Main stream video attribute information is also extracted. This
information is inserted once per video frame during the vertical blanking period by the DP
source. The attributes describe the main video stream format in terms of geometry, timing,
and color format. The original video clock and video stream are derived from these main
link data.
The PTN3355 internal DPCD registers can be accessed by the DP source via the
DP AUX channel. The monitor’s DDC control bus may also be controlled via the DP AUX
channel. PTN3355 implements the standard DisplayPort I2C-over-AUX protocol
conversion to provide DP source access to the VGA plug DDC-I2C interface. The
PTN3355 passes through sink-side status change (for example, hot-plug events) to the
source side, through HPD interrupts and DPCD registers.
PTN3355 integrates a 1 : 2 VGA switch that selects between the two channels, depending
on DOCK_IN setting.
7.1 DisplayPort Main Link
The DisplayPort main link consists of two AC-coupled differential pairs. The 50
termination resistors are integrated inside PTN3355.
The PTN3355 supports HBR at 2.7 Gbit/s and RBR at 1.62 Gbit/s per lane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com