Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4MP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # F4MP
Description  Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

F4MP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button F4MP Datasheet HTML 8Page - NXP Semiconductors F4MP Datasheet HTML 9Page - NXP Semiconductors F4MP Datasheet HTML 10Page - NXP Semiconductors F4MP Datasheet HTML 11Page - NXP Semiconductors F4MP Datasheet HTML 12Page - NXP Semiconductors F4MP Datasheet HTML 13Page - NXP Semiconductors F4MP Datasheet HTML 14Page - NXP Semiconductors F4MP Datasheet HTML 15Page - NXP Semiconductors F4MP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
PTN3355
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3.1 — 4 November 2016
12 of 37
NXP Semiconductors
PTN3355
Low power DP to VGA adapter with integrated 1 : 2 VGA switch
The TESTMODE pin is used to indicate selection of JTAG or Configuration/I2C mode for
CFG1_SCL, CFG2_SDA and CFG5. Table 7 defines the possible combinations of
TESTMODE pin.
CFG1_SCL, CFG2_SDA can be used in I2C mode or configuration pin mode. PTN3355
automatically detects the mode in which these pins are used. If they are used as
Configuration pins, Table 8 determines the possible and allowed combinations for these
pin settings. If they are used as I2C Clock/Data pins, PTN3355 detects toggling of the pins
during I2C data transport and receives data properly.
More configuration options are available through internal configuration registers. These
registers can be accessed by GPU/CPU software driver via DP AUX channel or I2C-bus.
NXP can deliver Windows and DOS based utilities, on explicit request, to upgrade the
firmware or configuration registers only for laboratory evaluation and debugging purposes
at customer premises.
10. Application design-in information
With its maximum integration features, the PTN3355 has low BOM requirement at the
platform application level. Figure 4 illustrates the PTN3355 usage in a system application
context. On the DP side, it is connected to DP source and the VGA side, it is connected to
VGA connector. The PTN3355 system application requires the following components
additionally: supply decoupling capacitors, DC blocking capacitors, pull-up/down resistors,
(optional) inductor for DC-to-DC converter, crystal oscillator. For more details on reference
design information, contact NXP team.
Table 7.
TESTMODE pin definition
Pin value
Mode selection
LOW
Configuration pin functionality is selected; I2C address for
CFG1_SCL, CFG2_SDA is 40h.
open
Configuration pin functionality is selected; I2C address for
CFG1_SCL, CFG2_SDA is C0h.
HIGH
JTAG functionality is selected.
Table 8.
CFG1_SCL/CFG2_SDA pin definitions
Pin value
System behavior
00
Compliant HPD behavior
01
Most interoperable (non-compliant) HPD behavior
10
Most interoperable (non-compliant) HPD behavior
11
(Default) Compliant behavior (but configurable via I2C-bus)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com