Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4MP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # F4MP
Description  Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

F4MP Datasheet(HTML) 1 Page - NXP Semiconductors

  F4MP Datasheet HTML 1Page - NXP Semiconductors F4MP Datasheet HTML 2Page - NXP Semiconductors F4MP Datasheet HTML 3Page - NXP Semiconductors F4MP Datasheet HTML 4Page - NXP Semiconductors F4MP Datasheet HTML 5Page - NXP Semiconductors F4MP Datasheet HTML 6Page - NXP Semiconductors F4MP Datasheet HTML 7Page - NXP Semiconductors F4MP Datasheet HTML 8Page - NXP Semiconductors F4MP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1.
General description
PTN3355 is a DisplayPort to VGA adapter with an integrated 1 : 2 VGA switch optimized
primarily for motherboard applications, to convert a DisplayPort signal from the chip set to
an analog video signal that directly connects to the VGA connector. PTN3355 integrates a
DisplayPort receiver, a high-speed triple video digital-to-analog converter and 1 : 2 VGA
switch that supports a wide range of display resolutions, for example, VGA to WUXGA
(see Table 9). PTN3355 supports either one or two DisplayPort lanes operating at either
2.7 Gbit/s or 1.62 Gbit/s per lane.
PTN3355 supports I2C-bus over AUX per DisplayPort standard (Ref. 1), and bridges the
VESA DDC channel to the DisplayPort Interface.
PTN3355 is powered from a 3.3 V power supply and consumes approximately 200 mW of
power for video streaming in WUXGA resolution and 410
W of power in Low-power
mode. The VGA output is powered down when there is no valid DisplayPort source data
being transmitted. PTN3355 also aids in monitor detection by performing load sensing on
RGB lines and reporting sink connection status to the source.
2.
Features and benefits
2.1 VESA-compliant DisplayPort converter
 Main Link: 1-lane and 2-lane modes supported
 HBR (High Bit Rate) at 2.7 Gbit/s per lane
 RBR (Reduced Bit Rate) at 1.62 Gbit/s per lane
 BER (Bit Error Rate) better than 109
 DisplayPort Link down-spreading supported
 1 MHz AUX channel
 Supports native AUX CH syntax
 Supports I2C-bus over AUX CH syntax
 Active HIGH Hot Plug Detect (HPD) signal to the source
2.2 VESA-compliant eDP extensions
 Supports Alternate Scrambler Seed Reset (ASSR)
 Supports Alternate Enhanced Framing mode - Enhanced Framing
PTN3355
Low power DisplayPort to VGA adapter with integrated
1 : 2 VGA switch
Rev. 3.1 — 4 November 2016
Product data sheet


Similar Part No. - F4MP

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
F4M3 EDAL-F4M3 Datasheet
839Kb / 2P
Silicon Power Rectifiers
More results

Similar Description - F4MP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P134000VGAV2 TRIPPLITE-P134000VGAV2 Datasheet
519Kb / 2P
DisplayPort 1.2 to VGA Compact Adapter Converter (DP-Male to VGA-Female)
P13706NVGAV2 TRIPPLITE-P13706NVGAV2 Datasheet
492Kb / 2P
Mini DisplayPort 1.2 to VGA Adapter Converter (Mini-DP Male to VGA Female), 6-in
B155-002-VGA TRIPPLITE-B155-002-VGA Datasheet
498Kb / 2P
2-Port Mini DisplayPort to VGA Splitter
B157-002-VGA TRIPPLITE-B157-002-VGA Datasheet
499Kb / 2P
2-Port DisplayPort to VGA Splitter
P134-000-VGA-V2 TRIPPLITE-P134-000-VGA-V2 Datasheet
172Kb / 2P
DisplayPort 1.2 to VGA Active Compact Adapter (DP-Male to VGA-Female)
P137-06N-VGA-V2 TRIPPLITE-P137-06N-VGA-V2 Datasheet
158Kb / 2P
Keyspan Mini DisplayPort 1.2 to VGA Active Adapter Converter (Mini-DP Male to VGA Female), Thunderbolt 1 & 2 Compatible, 6-in.
logo
IOGEAR
GDPVGAW6 IOGEAR-GDPVGAW6 Datasheet
132Kb / 2P
DisplayPort to VGA Adapter Cable
GMDPVGAW6 IOGEAR-GMDPVGAW6 Datasheet
130Kb / 2P
Mini DisplayPort to VGA Adapter Cable
logo
Kinetic Technologies.
STDP3150 KINETIC-STDP3150 Datasheet
135Kb / 5P
DisplayPort to VGA Converter
April 2020 - Revision 03b
logo
Chrontel, Inc.
CH7517 CHRONTEL-CH7517 Datasheet
204Kb / 7P
CH7517 DisplayPort to VGA Converter
Rev 1.2 2020-7-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com