Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4MP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # F4MP
Description  Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

F4MP Datasheet(HTML) 2 Page - NXP Semiconductors

  F4MP Datasheet HTML 1Page - NXP Semiconductors F4MP Datasheet HTML 2Page - NXP Semiconductors F4MP Datasheet HTML 3Page - NXP Semiconductors F4MP Datasheet HTML 4Page - NXP Semiconductors F4MP Datasheet HTML 5Page - NXP Semiconductors F4MP Datasheet HTML 6Page - NXP Semiconductors F4MP Datasheet HTML 7Page - NXP Semiconductors F4MP Datasheet HTML 8Page - NXP Semiconductors F4MP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
PTN3355
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3.1 — 4 November 2016
2 of 37
NXP Semiconductors
PTN3355
Low power DP to VGA adapter with integrated 1 : 2 VGA switch
2.3 DDC channel output
 I2C-Over-AUX feature facilitates support of MCCS, DDC/CI, and DDC protocols (see
Ref. 2)
2.4 Analog video output
 VSIS 1.2 compliance (Ref. 3) for supported video output modes
 Analog RGB current-source outputs
 3.3 V VSYNC and HSYNC outputs
 Pixel clock up to 240 MHz
 Triple 8-bit Digital-to-Analog Converter (DAC)
 Direct drive of double terminated 75
 load with standard 700 mV (peak-to-peak)
signals
 Integrated 1 : 2 VGA switch
2.5 General features
 Supports firmware upgradability through ‘Flash-over-AUX’ scheme for Windows
 Supports firmware upgradability through I2C-bus interface
 Monitor presence detection through load detection scheme. Connection/disconnection
reported via HPD IRQ and DPCD update.
 Wide set of display resolutions are supported1:
 1920
 1440, 60 Hz, 18 bpp, 234 MHz pixel clock rate
 2048
 1152, 60 Hz (reduced blanking), 24 bpp, 162 MHz pixel clock rate
 2048
 1536, 50 Hz (reduced blanking), 24 bpp, 167.2 MHz pixel clock rate
 WUXGA: 1920
 1200, 60 Hz, 18 bpp, 193 MHz pixel clock rate
 WUXGA: 1920
 1200, 60 Hz (reduced blanking), 24 bpp, 154 MHz pixel clock rate
 UXGA: 1600
 1200, 60 Hz, 162 MHz pixel clock rate
 SXGA: 1280
 1024, 60 Hz, 108 MHz pixel clock rate
 XGA: 1024
 768, 60 Hz, 65 MHz pixel clock rate
 SVGA: 800
 600, 60 Hz, 40 MHz pixel clock rate
 VGA: 640
 480, 60 Hz, 25 MHz pixel clock rate
 Any resolution and refresh rates are supported from 25 MHz up to 180 MHz pixel
clock rate at 24 bpp, or up to 240 MHz pixel clock rate at 18 bpp
 Bits per color (bpc) supported1
 6, 8 bits supported
 10, 12, 16 bits supported by truncation to 8 MSBs
 All VGA colorimetry formats (RGB) supported
 Power modes (when the application design is as per Figure 4)
 Active-mode power consumption: ~200 mW at WUXGA, 1920
 1200, 60 Hz
(18 bpc)
 410
W at Low-power mode
 Supports slave I2C-bus interface for host debugging and configuration
1.
Except for color depth beyond 8 bits, display resolutions and refresh rates are only limited to those which a standard 2-lane
DisplayPort configuration is able to support over 2.7 Gbit/s per lane of DP Main Link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com