Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4MP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # F4MP
Description  Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

F4MP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button F4MP Datasheet HTML 5Page - NXP Semiconductors F4MP Datasheet HTML 6Page - NXP Semiconductors F4MP Datasheet HTML 7Page - NXP Semiconductors F4MP Datasheet HTML 8Page - NXP Semiconductors F4MP Datasheet HTML 9Page - NXP Semiconductors F4MP Datasheet HTML 10Page - NXP Semiconductors F4MP Datasheet HTML 11Page - NXP Semiconductors F4MP Datasheet HTML 12Page - NXP Semiconductors F4MP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
PTN3355
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3.1 — 4 November 2016
9 of 37
NXP Semiconductors
PTN3355
Low power DP to VGA adapter with integrated 1 : 2 VGA switch
[1]
Byte fields that are not explicitly listed are by definition reserved (‘RES’) and their default value is 0h.
[2]
Example only. Firmware number changes as firmware updated.
Remark: If necessary, the DDC bus speed control can be done via I2C-bus interface.
For any requirement to change DDC bus speed, contact NXP.
Link Configuration Field
00109h
I2C-bus speed control capabilities bit map. Speed control is
not supported and the default speed of 50 kbit/s is
supported. Writes are ignored and reads would get zeros.
00h
read/write
0010Ah
Bit 0 = ALTERNATE_SCRAMBLER_RESET_ENABLE.
Source sets to 1 to select the alternate scrambler reset.
Writes ignored if
ALTERNATE_SCRAMBLER_RESET_CAPABLE = 0.
Power-on default value = 0.
Bit 1 = FRAMING_CHANGE_ENABLE. Source sets to 1 to
select the framing change. Writes ignored if
FRAMING_CHANGE_CAPABLE = 0. Power-on default
value = 0.
Bits 6:2 = reserved. Read all zeros.
Bit 7 = PANEL_SELF_TEST_ENABLE (not supported in
PTN3355).
00h
read/write
Branch device specific field
00500h
BRANCH_IEEE_OUI 7:0
Branch vendor 24-bit IEEE OUI.
NXP OUI = 00
00h
read only
00501h
BRANCH_IEEE_OUI 15:8
NXP OUI = 60
60h
read only
00502h
BRANCH_IEEE_OUI 23:16
NXP OUI = 37
37h
read only
00503h
ID string = 3355N2
33h
read only
00504h
33h
read only
00505h
55h
read only
00506h
55h
read only
00507h
4Eh
read only
00508h
32h
read only
00509h
Hardware revision level v1.1
10h
read only
0050Ah
Firmware/software major revision level
01h[2]
read only
0050Bh
Firmware/software minor revision level
00h[2]
read only
0050Ch to
005FFh
RESERVED
read only
Table 4.
PTN3355 specific DPCD registers …continued
DPCD
register [1]
Description
Power-on
Reset
value
Read/write
over
AUX CH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com