Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4MP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # F4MP
Description  Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

F4MP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button F4MP Datasheet HTML 4Page - NXP Semiconductors F4MP Datasheet HTML 5Page - NXP Semiconductors F4MP Datasheet HTML 6Page - NXP Semiconductors F4MP Datasheet HTML 7Page - NXP Semiconductors F4MP Datasheet HTML 8Page - NXP Semiconductors F4MP Datasheet HTML 9Page - NXP Semiconductors F4MP Datasheet HTML 10Page - NXP Semiconductors F4MP Datasheet HTML 11Page - NXP Semiconductors F4MP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
PTN3355
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3.1 — 4 November 2016
8 of 37
NXP Semiconductors
PTN3355
Low power DP to VGA adapter with integrated 1 : 2 VGA switch
7.2 DisplayPort auxiliary channel (AUX CH)
The AUX CH is a half-duplex, bidirectional channel between DisplayPort source and sink.
It consists of one differential pair transporting self-clocked data at 1 Mbit/s. The PTN3355
integrates the AUX CH replier (or slave), and responds to transactions initiated by the
DisplayPort source AUX CH requester (or master).
The AUX CH uses the Manchester-II code for the self-clocked transmission of signals;
every ‘zero’ is represented by LOW-to-HIGH transition, and ‘one’ represented by
HIGH-to-LOW transition, in the middle of the bit time.
7.3 DPCD registers
DPCD registers that are part of the VESA DisplayPort standard are described in detail in
Ref. 1. The following describes the specific implementation by PTN3355 only.
PTN3355 DisplayPort receiver capability and status information about the link are
reported by DisplayPort Configuration Data (DPCD) registers, when a DP source issues a
read command on the AUX CH. The DP source device can also write to the link
configuration field of DPCD to configure and initialize the link. The DPCD is DisplayPort
v1.2a compliant.
PTN3355 specific capabilities are made available to DP source in the relevant DPCD
read/write registers. In line with the DisplayPort standard (Ref. 1), the specific Link
controls are also made available to initialize and maintain the DisplayPort Link.
It is the responsibility of the DP source to issue commands only within the capability of the
PTN3355 as defined in the ‘Receiver Capability Field’ in order to prevent undefined
behavior. PTN3355 specific DPCD registers are listed in Table 4.
7.3.1 PTN3355 specific DPCD register settings
Table 4.
PTN3355 specific DPCD registers
DPCD
register [1]
Description
Power-on
Reset
value
Read/write
over
AUX CH
Receiver Capability Field
0000Ch
I2C-bus speed control capabilities bit map. Speed control is
not supported through DPCD register. Default speed of
50 kbit/s is supported.
00h
read only
0000Dh
eDP_CONFIGURATION_CAP.
Bit 0 = ALTERNATE_SCRAMBLER_RESET_CAPABLE.
A setting of 1 indicates that this is an eDP device that
can use the eDP alternate scrambler reset value of
FFFFh.
Bit 1 = FRAMING_CHANGE_CAPABLE. A setting of 1
indicates that this is an eDP device that uses only
Enhanced Framing independently of the setting by the
source of ENHANCED_FRAME_EN.
Bit 2 = reserved for eDP. Read 0.
Bit 3 = DPCD_DISPLAY_CONTROL_CAPABLE. A
setting of 1 indicates that display control registers
starting at address 00700h are enabled.
Bits 7:4 = reserved for eDP. Read all zeros.
03h
read only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com