Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4MP Datasheet(PDF) 22 Page - NXP Semiconductors

Part # F4MP
Description  Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

F4MP Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button F4MP Datasheet HTML 18Page - NXP Semiconductors F4MP Datasheet HTML 19Page - NXP Semiconductors F4MP Datasheet HTML 20Page - NXP Semiconductors F4MP Datasheet HTML 21Page - NXP Semiconductors F4MP Datasheet HTML 22Page - NXP Semiconductors F4MP Datasheet HTML 23Page - NXP Semiconductors F4MP Datasheet HTML 24Page - NXP Semiconductors F4MP Datasheet HTML 25Page - NXP Semiconductors F4MP Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
PTN3355
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3.1 — 4 November 2016
22 of 37
NXP Semiconductors
PTN3355
Low power DP to VGA adapter with integrated 1 : 2 VGA switch
13.4 HPD characteristics
[1]
Ref. 1 supersedes in case of any mismatch of specification items.
13.5 DDC/I2C characteristics
[1]
VCC is the pull-up voltage for DDC/I2C.
[2]
Table 18 applies to CFG1_SCL and CFG2_SDA pins as they operate as I2C-bus I/O.
Table 17.
HPD characteristics[1]
Over operating free-air temperature range, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Output characteristics
VOH
HIGH-level output voltage
IOH = 2 mA
2.4
--V
VOL
LOW-level output voltage
IOL = 2 mA
--0.4
V
IOSH
HIGH-level short-circuit
output current
drive HIGH; cell connected to ground
-
-
16
mA
IOSL
LOW-level short-circuit
output current
drive LOW; cell connected to VDD
--15
mA
Table 18.
DDC/I2C characteristics
VCC = 4.5 V to 5.5 V[1]. Over operating free-air temperature range, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input characteristics
VIH
HIGH-level input voltage
0.7
 V
DD(3V3)
-5.5
V
VIL
LOW-level input voltage
0.5
-
+0.3
 V
DD(3V3)
V
VI(hys)
hysteresis of input voltage
0.1
 V
DD(3V3)
--
V
ILI
input leakage current
VI =5V
-
-
10
A
Output characteristics
IOL
LOW-level output current
VOL =0.4 V
3.0
-
-
mA
IO(sc)
short-circuit output current
drive LOW;
cell connected to VDD(3V3)
--
40.0
mA
Cio
input/output capacitance
VI =3V or 0V
VDD(3V3) =3.3 V
-
6
7
pF
VDD(3V3) =0V
-
6
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com