Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4MP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # F4MP
Description  Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

F4MP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button F4MP Datasheet HTML 7Page - NXP Semiconductors F4MP Datasheet HTML 8Page - NXP Semiconductors F4MP Datasheet HTML 9Page - NXP Semiconductors F4MP Datasheet HTML 10Page - NXP Semiconductors F4MP Datasheet HTML 11Page - NXP Semiconductors F4MP Datasheet HTML 12Page - NXP Semiconductors F4MP Datasheet HTML 13Page - NXP Semiconductors F4MP Datasheet HTML 14Page - NXP Semiconductors F4MP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
PTN3355
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3.1 — 4 November 2016
11 of 37
NXP Semiconductors
PTN3355
Low power DP to VGA adapter with integrated 1 : 2 VGA switch
8.
Power-up and reset
PTN3355 has built-in power-on reset circuitry which automatically sequences the part
through reset and initialization. In addition, there is a dedicated pin (RST_N) to
control/effect reset operation externally. This provides flexibility at the platform level for
debug or application purpose.
Before link is established, the PTN3355 holds VSYNC and HSYNC signals LOW and
blanks the RGB signals.
While the PTN3355 performs power-on initialization,
• The HPD signal is driven LOW, to indicate to the DisplayPort source that the
PTN3355 is not ready for AUX channel communication. Once the device is initialized,
the HPD level is produced based on CFG1_SCL/CFG2_SDA setting
• The RGB outputs are disabled
• The VSYNC and HSYNC outputs are maintained LOW as long as there is no active
video streaming from the DisplayPort source.
9.
Configurability and programmability
The PTN3355 delivers flexibility for application usage by providing configurability via two
options:
• Configuration pins CFG1_SCL, CFG2_SDA, CFG5, DOCK_IN and TESTMODE
• DP-AUX vendor-specific configuration registers
The pins provide limited application board level configurability, whereas vendor-specific
configuration registers deliver ultimate flexibility. The configuration pin changes (static,
dynamic) are reflected in the IC behavior.
The configuration pin definitions are as follows:
• CFG1_SCL, CFG2_SDA are used for either host I2C communication or as dedicated
configuration pins with binary leveled I/O. PTN3355 is flexible to accept either. The
use of these configuration pins is defined in Table 8.
• Configuration pin CFG5 selects OSC_IN clock frequency setting. Table 5 captures the
pin definition.
Table 6 captures DOCK_IN pin definition.
Table 5.
CFG5 pin definition
Configuration input
OSC_IN clock frequency setting
LOW
25 MHz
HIGH
33 MHz
open
27 MHz
Table 6.
DOCK_IN pin definitions
Configuration input
VGA active output
LOW
channel 1
HIGH
channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com