Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4MP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # F4MP
Description  Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

F4MP Datasheet(HTML) 3 Page - NXP Semiconductors

  F4MP Datasheet HTML 1Page - NXP Semiconductors F4MP Datasheet HTML 2Page - NXP Semiconductors F4MP Datasheet HTML 3Page - NXP Semiconductors F4MP Datasheet HTML 4Page - NXP Semiconductors F4MP Datasheet HTML 5Page - NXP Semiconductors F4MP Datasheet HTML 6Page - NXP Semiconductors F4MP Datasheet HTML 7Page - NXP Semiconductors F4MP Datasheet HTML 8Page - NXP Semiconductors F4MP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
PTN3355
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3.1 — 4 November 2016
3 of 37
NXP Semiconductors
PTN3355
Low power DP to VGA adapter with integrated 1 : 2 VGA switch
 Supports flexible choice of timing reference
 On-board oscillator with external crystal, ceramic resonator
 Different frequencies supported: 25 MHz, 27 MHz, 33 MHz
 ESD protection: 7.5 kV HBM
 Single power supply (3.3 V) for easy integration in the platforms
 Commercial temperature range: 0
C to 85 C
 40-pin HVQFN, 6 mm
 6mm  0.85 mm (nominal); 0.5 mm pitch; lead-free package
3.
Applications
 Notebook computers, tablets and desktop PCs
 Dongles, adapters, docking stations
4.
Ordering information
[1]
PTN3355BS uses latest firmware version.
[2]
PTN3355BS/FX uses specific firmware version (‘X’ = 1, 2, 3, etc., and changes according to firmware version).
[3]
Maximum height is 1 mm.
4.1 Ordering options
[1]
PTN3355BS uses latest firmware version.
[2]
PTN3355BS/FX uses specific firmware version (‘X’ = 1, 2, 3, etc., and changes according to firmware version).
Table 1.
Ordering information
Type number
Topside mark
Package
Name
Description
Version
PTN3355BS[1]
PTN3355
HVQFN40
plastic thermal enhanced very thin quad flat package;
no leads; 40 terminals; 6
 6  0.85 mm[3]
SOT618-1
PTN3355BS/FX[2]
PTN3355
HVQFN40
plastic thermal enhanced very thin quad flat package;
no leads; 40 terminals; 6
 6  0.85 mm[3]
SOT618-1
Table 2.
Ordering options
Type number
Orderable
part number
Package
Packing method
Minimum
order
quantity
Temperature
PTN3355BS[1]
PTN3355BSMP
HVQFN40
Reel 13” Q2/T3 *standard mark
SMD dry pack
4000
Tamb =0 Cto+85 C
PTN3355BS/FX[2]
PTN3355BS/FXMP
HVQFN40
Reel 13” Q2/T3 *standard mark
SMD dry pack
4000
Tamb =0 Cto+85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com