Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-R47M Datasheet (PDF) - Texas Instruments

DFE252012PD-R47M Datasheet PDF - Texas Instruments
Part # DFE252012PD-R47M
Download  DFE252012PD-R47M Download
File Size   4311.72 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter

DFE252012PD-R47M Datasheet (PDF)

Go To PDF Page Download Datasheet
DFE252012PD-R47M Datasheet PDF - Texas Instruments

Part # DFE252012PD-R47M
Download  DFE252012PD-R47M Click to download

File Size   4311.72 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter

DFE252012PD-R47M Datasheet (HTML) - Texas Instruments


DFE252012PD-R47M Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Device temperature grade 1:
–40°C to +125°C TA
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Input voltage range: 2.75 V to 6 V
• Family of 1 A, 2 A, 3 A and 4 A
• Quiescent current 15-μA typical
• Output voltage from 0.6 V to 5.5 V
• Output voltage accuracy ±1% (PWM operation)
• Adjustable soft start
• Forced PWM or PWM and PFM operation
• Adjustable switching frequency of
1.8 MHz to 4 MHz
• Precise ENABLE input allows
– User-defined undervoltage lockout
– Exact sequencing
• 100% duty cycle mode
• Active output discharge
• Spread spectrum clocking - optional
• Power-good output with window comparator
• Package with wettable flanks

2 Applications
• Infotainment head unit
• Hybrid and reconfigurable cluster
• Telematics control unit
• Surround view ECU, ADAS sensor fusion
• External amplifier

3 Description
The TPS6281x-Q1 is family of pin-to-pin 1-A, 2-
A, 3-A, and 4-A synchronous step-down DC/DC
converters. All devices offer high efficiency and ease
of use. The TPS6281x-Q1 family is based on a
peak current mode control topology. The TPS6281x-
Q1 is designed for automotive applications such as
infotainment and advanced driver assistance systems.
Low resistive switches allow up to 4-A continuous
output current at high ambient temperature. The
switching frequency is externally adjustable from 1.8
MHz to 4 MHz and can also be synchronized to
an external clock in the same frequency range. In
PWM/PFM mode, the TPS6281x-Q1 automatically
enter power save mode at light loads to maintain
high efficiency across the whole load range. The
TPS6281x-Q1 provide 1% output voltage accuracy in
PWM mode which helps design a power supply with
high output voltage accuracy. The SS/TR pin allows
setting the start-up time or forming tracking of the
output voltage to an external source. This feature
allows external sequencing of different supply rails
and limiting the inrush current during start-up.
The TPS6281x-Q1 is available in a 3-mm × 2-mm
VQFN package with wettable flanks.




Similar Part No. - DFE252012PD-R47M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFE252012PD-R47M TOKO-DFE252012PD-R47M Datasheet
222Kb / 1P
Metal Alloy Inductors
logo
Murata Manufacturing Co...
DFE252012PD-R47M MURATA-DFE252012PD-R47M Datasheet
1Mb / 2P
Inductor
More results


Similar Description - DFE252012PD-R47M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62810-Q1 TI1-TPS62810-Q1_19 Datasheet
2Mb / 41P
2.75-V to 6-V adjustable-frequency step-down converter
TPS62810-Q1_1905 TI1-TPS62810-Q1_1905 Datasheet
2Mb / 41P
2.75-V to 6-V adjustable-frequency step-down converter
TPS62810-Q1 TI1-TPS62810-Q1_V01 Datasheet
3Mb / 43P
2.75-V to 6-V Adjustable-Frequency Step-Down Converter
TPSM82810 TI1-TPSM82810_V01 Datasheet
2Mb / 38P
TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPS62810-Q1 TI1-TPS62810-Q1_V02 Datasheet
3Mb / 44P
TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
TPS62810-Q1 TI1-TPS62810-Q1_V03 Datasheet
3Mb / 45P
TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
TPS62810-Q1 TI-TPS62810-Q1_V04 Datasheet
3Mb / 46P
TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
TPSM82810 TI-TPSM82810_V03 Datasheet
2Mb / 39P
TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPS62810-Q1 TI-TPS62810-Q1_V05 Datasheet
4Mb / 46P
TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
TPS62810-Q1 TI-TPS62810-Q1_V06 Datasheet
5Mb / 53P
TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
DECEMBER 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com