Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-R47M Datasheet(PDF) 5 Page - Texas Instruments

Part # DFE252012PD-R47M
Description  TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-R47M Datasheet(HTML) 5 Page - Texas Instruments

  DFE252012PD-R47M Datasheet HTML 1Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 2Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 3Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 4Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 5Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 6Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 7Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 8Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Pin voltage range(1)
VIN
–0.3
6.5
V
SW
–0.3
VIN+0.3
V
SW (transient for less than 10 ns)(2)
–3
10
V
FB
–0.3
4
V
PG, SS/TR, COMP/FSET
–0.3
VIN+0.3
V
Pin voltage range(1)
EN, MODE/SYNC
–0.3
6.5
V
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
While switching
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±750
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VIN
Supply voltage range
2.75
6
V
VOUT
Output voltage range
0.6
5.5
V
L
Effective inductance for a switching frequency of 1.8 MHz to 3.5 MHz
0.32
0.47
0.9
µH
L
Effective inductance for a switching frequency of 3.5 MHz to 4 MHz
0.25
0.33
0.9
µH
COUT
Effective output capacitance for 1A and 2A version(1)
15
22
470
µF
COUT
Effective output capacitance for 3A and 4A version (1)
27
47
470
µF
CIN
Effective input capacitance(1)
5
10
µF
RCF
4.5
100
kΩ
TJ
Operating junction temperature
–40
+150
°C
(1)
The values given for the capacitors in the table are effective capacitance, which includes the DC bias effect. Due to the DC bias
effect of ceramic capacitors, the effective capacitance is lower than the nominal value when a voltage is applied. Please check the
manufacturer´s DC bias curves for the effective capacitance vs DC voltage applied. Further restrictions may apply. Please see the
feature description for COMP/FSET about the output capacitance vs compensation setting and output voltage.
7.4 Thermal Information
THERMAL METRIC(1)
TPS6281x-Q1
UNIT
RWY
9 PINS
RθJA
Junction-to-ambient thermal resistance
71.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
37.2
°C/W
RθJB
Junction-to-board thermal resistance
16.4
°C/W
ψJT
Junction-to-top characterization parameter
0.9
°C/W
ψJB
Junction-to-board characterization parameter
16.1
°C/W
www.ti.com
TPS62810-Q1, TPS62811-Q1, TPS62812-Q1, TPS62813-Q1
SLVSDU1J – AUGUST 2018 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS62810-Q1 TPS62811-Q1 TPS62812-Q1 TPS62813-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com