Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-R47M Datasheet(PDF) 32 Page - Texas Instruments

Part # DFE252012PD-R47M
Description  TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-R47M Datasheet(HTML) 32 Page - Texas Instruments

Back Button DFE252012PD-R47M Datasheet HTML 27Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 28Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 29Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 30Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 31Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 32Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 33Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 34Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
L
0.47
H
m
MODE/SYNC
SW
FB
VIN
V
IN
2.75 V -
V
6
C
IN
22 mF
C
OUT
47
F
m
TPS62810-Q1
EN
R
1
V
OUT
R
2
GND
PG
SS/TR
COMP/FSET
C
SS
R
3
C
FF
f
EXT
Figure 10-60. Schematic Using External Synchronization
VIN = 5 V
RCF = 8.06 kΩ
IOUT = 0.1 A
VOUT = 1.8 V
fEXT = 2.5 MHz
Figure 10-61. Switching from External
Synchronization to Power-Save Mode (PFM)
VIN = 5 V
RCF = 8.06 kΩ
IOUT = 1 A
VOUT = 1.8 V
fEXT = 2.5 MHz
Figure 10-62. Switching from External
Synchronization to Internal Fixed Frequency
10.4 Power Supply Recommendations
The TPS6281x-Q1 device family has no special requirements for its input power supply. The output current of
the input power supply must be rated according to the supply voltage, output voltage, and output current of the
TPS6281x-Q1.
10.5 Layout
10.5.1 Layout Guidelines
A proper layout is critical for the operation of a switched mode power supply, even more at high switching
frequencies. Therefore, the PCB layout of the TPS6281x-Q1 demands careful attention to ensure operation and
to get the performance specified. A poor layout can lead to issues like poor regulation (both line and load),
stability and accuracy weaknesses increased EMI radiation and noise sensitivity.
See Layout Example for the recommended layout of the TPS6281x-Q1, which is designed for common external
ground connections. The input capacitor must be placed as close as possible between the VIN and GND pin.
Provide low inductive and resistive paths for loops with high di/dt. Therefore, paths conducting the switched load
current must be as short and wide as possible. Provide low capacitive paths (with respect to all other nodes) for
wires with high dv/dt. Therefore, the input and output capacitance must be placed as close as possible to the IC
TPS62810-Q1, TPS62811-Q1, TPS62812-Q1, TPS62813-Q1
SLVSDU1J – AUGUST 2018 – REVISED MARCH 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS62810-Q1 TPS62811-Q1 TPS62812-Q1 TPS62813-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com