Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-R47M Datasheet(PDF) 11 Page - Texas Instruments

Part # DFE252012PD-R47M
Description  TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-R47M Datasheet(HTML) 11 Page - Texas Instruments

Back Button DFE252012PD-R47M Datasheet HTML 7Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 8Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 9Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 10Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 11Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 12Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 13Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 14Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
9 Detailed Description
9.1 Overview
The TPS6281x-Q1 synchronous switch mode DC/DC converters are based on a peak current mode control
topology. The control loop is internally compensated. To optimize the bandwidth of the control loop to the
wide range of output capacitance that can be used with TPS6281x-Q1, one of three internal compensation
settings can be selected. See Section 9.3.2. The compensation setting is selected either by a resistor from
COMP/FSET to GND, or by the logic state of this pin. The regulation network achieves fast and stable operation
with small external components and low ESR ceramic output capacitors. The device can be operated without
a feedforward capacitor on the output voltage divider, however, using a typically 10-pF feedforward capacitor
improves transient response.
The devices support forced fixed frequency PWM operation with the MODE pin tied to a logic high level. The
frequency is defined as either 2.25 MHz internally fixed when COMP/FSET is tied to GND or VIN, or in a
range of 1.8 MHz to 4 MHz defined by a resistor from COMP/FSET to GND. Alternatively, the devices can
be synchronized to an external clock signal in a range from 1.8 MHz to 4 MHz, applied to the MODE pin
with no need for additional passive components. External synchronization is only possible if a resistor from
COMP/FSET to GND is used. If COMP/FSET is directly tied to GND or VIN, the TPS6281x-Q1 cannot be
synchronized externally. An internal PLL allows to change from internal clock to external clock during operation.
The synchronization to the external clock is done on a falling edge of the clock applied at MODE to the
rising edge on the SW pin. This allows a roughly 180° phase shift when the SW pin is used to generate
the synchronization signal for a second converter. When the MODE pin is set to a logic low level, the device
operates in power save mode (PFM) at low output current and automatically transfers to fixed frequency PWM
mode at higher output current. In PFM mode, the switching frequency decreases linearly based on the load to
sustain high efficiency down to very low output current.
9.2 Functional Block Diagram
_
+
+
-
GND
FB
SW
VIN
EN
Oscillator
Gate Drive and Control
Device
Control
PG
Thermal
Shutdown
Bias
Regulator
gm
Ipeak
Izero
Bandgap
SS/TR
COMP/FSET
MODE
www.ti.com
TPS62810-Q1, TPS62811-Q1, TPS62812-Q1, TPS62813-Q1
SLVSDU1J – AUGUST 2018 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPS62810-Q1 TPS62811-Q1 TPS62812-Q1 TPS62813-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com