Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-R47M Datasheet(PDF) 21 Page - Texas Instruments

Part # DFE252012PD-R47M
Description  TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-R47M Datasheet(HTML) 21 Page - Texas Instruments

Back Button DFE252012PD-R47M Datasheet HTML 17Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 18Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 19Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 20Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 21Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 22Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 23Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 24Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Output Current (A)
50
55
60
65
70
75
80
85
90
95
100
100P
1m
10m
100m
1
4
D002
VIN = 2.7 V
VIN = 3.3 V
VIN = 4.0 V
VIN = 5.0 V
VIN = 6.0 V
VOUT = 1.0 V
PFM
TA = 25°C
Figure 10-8. Efficiency versus Output Current
Output Current (A)
60
65
70
75
80
85
90
95
100
1
4
0
2
3
D002
VIN = 2.7 V
VIN = 3.3 V
VIN = 4.0 V
VIN = 5.0 V
VIN = 6.0 V
VOUT = 1.0 V
PWM
TA = 25°C
Figure 10-9. Efficiency versus Output Current
Output Current (A)
50
55
60
65
70
75
80
85
90
100P
1m
10m
100m
1
4
D002
VIN = 2.7 V
VIN = 3.3 V
VIN = 4.0 V
VOUT = 0.6 V
PFM
TA = 25°C
Figure 10-10. Efficiency versus Output Current
Output Current (A)
50
55
60
65
70
75
80
85
90
1
4
0
2
3
D002
VIN = 2.7 V
VIN = 3.3 V
VIN = 4.0 V
VOUT = 0.6 V
PWM
TA = 25°C
Figure 10-11. Efficiency versus Output Current
Output Current (A)
3,27
3,275
3,28
3,285
3,29
3,295
3,3
3,305
3,31
3,315
3,32
100P
1m
10m
100m
1
4
D002
VIN = 4.0 V
VIN = 5.0 V
VIN = 6.0 V
VOUT = 3.3 V
PFM
TA = 25°C
Figure 10-12. Output Voltage versus Output
Current
Output Current (A)
3,276
3,28
3,284
3,288
3,292
3,296
3,3
3,304
3,308
3,312
3,316
3,32
100P
1m
10m
100m
1
4
D002
VIN = 4.0 V
VIN = 5.0 V
VIN = 6.0 V
VOUT = 3.3 V
PWM
TA = 25°C
Figure 10-13. Output Voltage versus Output
Current
www.ti.com
TPS62810-Q1, TPS62811-Q1, TPS62812-Q1, TPS62813-Q1
SLVSDU1J – AUGUST 2018 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS62810-Q1 TPS62811-Q1 TPS62812-Q1 TPS62813-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com