Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-R47M Datasheet(PDF) 31 Page - Texas Instruments

Part # DFE252012PD-R47M
Description  TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-R47M Datasheet(HTML) 31 Page - Texas Instruments

Back Button DFE252012PD-R47M Datasheet HTML 27Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 28Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 29Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 30Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 31Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 32Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 33Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 34Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
L
0.47 H
m
MODE/SYNC
SW
FB
VIN
V
IN
2.75 V -
V
6
C
IN
22 mF
C
OUT
47 F
m
TPS62810-Q1
EN
3.3 V
GND
PG
SS/TR
COMP/FSET
4.7 nF
10 pF
L
0.47 H
m
MODE/SYNC
SW
FB
VIN
C
IN
22 mF
C
OUT
47 F
m
TPS62810-Q1
EN
R
5
1.8 V
R
6
GND
PG
SS/TR
COMP/FSET
10 pF
Device 1 (master)
Device 2 (slave)
EN
Figure 10-58. Schematic for Output Voltage Tracking
Figure 10-59. Scope Plot for Output Voltage Tracking
10.3.3 Synchronizing to an External Clock
The TPS6281x-Q1 can be externally synchronized by applying an external clock on the MODE/SYNC pin.
There is no need for any additional circuitry as long as the input signal meets the requirements given in the
electrical specifications. The clock can be applied / removed during operation, allowing you to switch from an
externally-defined fixed frequency to power-save mode or to internal fixed frequency operation. The value of the
RCF resistor must be chosen so that the internally defined frequency and the externally applied frequency are
close to each other. This ensures a smooth transition from internal to external frequency and vice versa.
www.ti.com
TPS62810-Q1, TPS62811-Q1, TPS62812-Q1, TPS62813-Q1
SLVSDU1J – AUGUST 2018 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TPS62810-Q1 TPS62811-Q1 TPS62812-Q1 TPS62813-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com