Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-R47M Datasheet(PDF) 6 Page - Texas Instruments

Part # DFE252012PD-R47M
Description  TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-R47M Datasheet(HTML) 6 Page - Texas Instruments

Back Button DFE252012PD-R47M Datasheet HTML 2Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 3Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 4Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 5Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 6Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 7Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 8Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 9Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
7.4 Thermal Information (continued)
THERMAL METRIC(1)
TPS6281x-Q1
UNIT
RWY
9 PINS
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.5 Electrical Characteristics
over operating junction temperature (TJ = -40 °C to +150 °C) and VIN = 2.75 V to 6 V. Typical values at VIN = 5 V and TJ = 25
°C. (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
IQ
Operating Quiescent Current
EN = high, IOUT= 0 mA, Device not switching,
TJ= 125 °C
21
µA
IQ
Operating Quiescent Current
EN = high, IOUT= 0 mA, Device not switching
15
30
µA
ISD
Shutdown Current
EN = 0 V, at TJ = 125°C
18
µA
ISD
Shutdown Current
EN = 0 V, Nominal value at TJ= 25°C,
Max value at TJ= 150 °C
1.5
26
µA
VUVLO
Undervoltage Lockout
Threshold
Rising Input Voltage
2.5
2.6
2.75
V
Falling Input Voltage
2.25
2.5
2.6
V
TSD
Thermal Shutdown
Temperature
Rising Junction Temperature
170
°C
Thermal Shutdown Hysteresis
15
CONTROL (EN, SS/TR, PG, MODE/SYNC)
VIH
High Level Input Voltage for
MODE/SYNC Pin
1.1
V
VIL
Low Level Input Voltage for
MODE/SYNC Pin
0.3
V
fSYNC
Frequency Range on MODE/
SYNC Pin for Synchronization
requires a resistor from COMP/FSET to GND, see application
section
1.8
4
MHz
Duty Cycle of Synchronization
Signal at MODE/SYNC Pin
20%
50%
80%
Time to Lock to External
Frequency
50
µs
VIH
Input Threshold Voltage for
EN pin; Rising Edge
1.06
1.1
1.15
V
VIL
Input Threshold Voltage for
EN pin; Falling Edge
0.96
1.0
1.05
V
ILKG
Input Leakage Current for EN,
MODE/SYNC
VIH = VIN or VIL= GND
150
nA
Resistance from COMP/FSET
to GND for Logic Low
internal frequency setting with f = 2.25 MHz
0
2.5
kΩ
voltage on COMP/FSET for
logic high
internal frequency setting with f = 2.25 MHz
VIN
V
VTH_PG
UVP Power Good Threshold
Voltage; dc Level
Rising (%VFB)
92%
95%
98%
UVP Power Good Threshold
Voltage; dc Level
Falling (%VFB)
87%
90%
93%
OVP Power Good Threshold;
dc Level
Rising (%VFB)
107%
110%
113%
OVP Power Good Threshold;
dc Level
Falling (%VFB)
104%
107%
111%
Power Good De-glitch Time
for a high level to low level transition on power good
40
µs
VOL_PG
Power Good Output Low
Voltage
IPG = 2 mA
0.07
0.3
V
ILKG_PG
Input Leakage Current (PG)
VPG = 5 V
100
nA
TPS62810-Q1, TPS62811-Q1, TPS62812-Q1, TPS62813-Q1
SLVSDU1J – AUGUST 2018 – REVISED MARCH 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS62810-Q1 TPS62811-Q1 TPS62812-Q1 TPS62813-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com