Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-R47M Datasheet(PDF) 15 Page - Texas Instruments

Part # DFE252012PD-R47M
Description  TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-R47M Datasheet(HTML) 15 Page - Texas Instruments

Back Button DFE252012PD-R47M Datasheet HTML 11Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 12Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 13Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 14Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 15Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 16Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 17Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 18Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
drops below the PFM threshold, the device starts to skip switching pulses. In power save mode, the switching
frequency decreases with the load current maintaining high efficiency.
9.4.3 100% Duty-Cycle Operation
The duty cycle of a buck converter operated in PWM mode is given as D = VOUT / VIN. The duty cycle
increases as the input voltage comes close to the output voltage and the off-time gets smaller. When the
minimum off-time of typically 30 ns is reached, the TPS6281x-Q1 skips switching cycles while it approaches
100% mode. In 100% mode, it keeps the high-side switch on continuously. The high-side switch stays turned
on as long as the output voltage is below the target. In 100% mode, the low-side switch is turned off. The
maximum dropout voltage in 100% mode is the product of the on-resistance of the high-side switch plus the
series resistance of the inductor and the load current.
9.4.4 Current Limit and Short Circuit Protection
The TPS6281x-Q1 is protected against overload and short circuit events. If the inductor current exceeds the
current limit ILIMH, the high-side switch is turned off and the low-side switch is turned on to ramp down the
inductor current. The high-side switch turns on again only if the current in the low-side switch has decreased
below the low-side current limit. Due to internal propagation delay, the actual current can exceed the static
current limit. The dynamic current limit is given as:
(
)
L
peak typ
LIMH
PD
V
I
I
t
L
=
+
×
(4)
where
• ILIMH is the static current limit as specified in the electrical characteristics
• L is the effective inductance at the peak current
• VL is the voltage across the inductor (VIN - VOUT)
• tPD is the internal propagation delay of typically 50 ns
The current limit can exceed static values, especially if the input voltage is high and very small inductances are
used. The dynamic high-side switch peak current can be calculated as follows:
(
)
50
IN
OUT
peak typ
LIMH
V
V
I
I
ns
L
-
=
+
×
(5)
9.4.5 Foldback Current Limit and Short Circuit Protection
This is valid for devices where foldback current limit is enabled.
When the device detects current limit for more than 1024 subsequent switching cycles, it reduces the current
limit from its nominal value to typically 1.8 A. Foldback current limit is left when the current limit indication goes
away. For the case that device operation continues in current limit, it can, after 3072 switching cycles, try again
full current limit for again 1024 switching cycles.
9.4.6 Output Discharge
The purpose of the discharge function is to ensure a defined down-ramp of the output voltage when the
device is being disabled but also to keep the output voltage close to 0 V when the device is off. The output
discharge feature is only active after TPS6281x-Q1 has been enabled at least once because the supply voltage
was applied. The discharge function is enabled as soon as the device is disabled, in thermal shutdown, or in
undervoltage lockout. The minimum supply voltage required for the discharge function to remain active typically
is 2 V. Output discharge is not activated during a current limit or foldback current limit event.
9.4.7 Soft Start / Tracking (SS/TR)
The internal soft-start circuitry controls the output voltage slope during start-up. This avoids excessive inrush
current and ensures a controlled output voltage rise time. It also prevents unwanted voltage drops from high
impedance power sources or batteries. When EN is set high to start operation, the device starts switching after
www.ti.com
TPS62810-Q1, TPS62811-Q1, TPS62812-Q1, TPS62813-Q1
SLVSDU1J – AUGUST 2018 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TPS62810-Q1 TPS62811-Q1 TPS62812-Q1 TPS62813-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com