Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-R47M Datasheet(PDF) 1 Page - Texas Instruments

Part # DFE252012PD-R47M
Description  TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-R47M Datasheet(HTML) 1 Page - Texas Instruments

  DFE252012PD-R47M Datasheet HTML 1Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 2Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 3Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 4Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 5Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 6Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 7Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 8Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
1 Features
• AEC-Q100 qualified for automotive applications
– Device temperature grade 1:
–40°C to +125°C TA
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Input voltage range: 2.75 V to 6 V
• Family of 1 A, 2 A, 3 A and 4 A
• Quiescent current 15-µA typical
• Output voltage from 0.6 V to 5.5 V
• Output voltage accuracy ±1% (PWM operation)
• Adjustable soft start
• Forced PWM or PWM and PFM operation
• Adjustable switching frequency of
1.8 MHz to 4 MHz
• Precise ENABLE input allows
– User-defined undervoltage lockout
– Exact sequencing
• 100% duty cycle mode
• Active output discharge
• Spread spectrum clocking - optional
• Power-good output with window comparator
• Package with wettable flanks
2 Applications
• Infotainment head unit
• Hybrid and reconfigurable cluster
• Telematics control unit
• Surround view ECU, ADAS sensor fusion
• External amplifier
3 Description
The TPS6281x-Q1 is family of pin-to-pin 1-A, 2-
A, 3-A, and 4-A synchronous step-down DC/DC
converters. All devices offer high efficiency and ease
of use. The TPS6281x-Q1 family is based on a
peak current mode control topology. The TPS6281x-
Q1 is designed for automotive applications such as
infotainment and advanced driver assistance systems.
Low resistive switches allow up to 4-A continuous
output current at high ambient temperature. The
switching frequency is externally adjustable from 1.8
MHz to 4 MHz and can also be synchronized to
an external clock in the same frequency range. In
PWM/PFM mode, the TPS6281x-Q1 automatically
enter power save mode at light loads to maintain
high efficiency across the whole load range. The
TPS6281x-Q1 provide 1% output voltage accuracy in
PWM mode which helps design a power supply with
high output voltage accuracy. The SS/TR pin allows
setting the start-up time or forming tracking of the
output voltage to an external source. This feature
allows external sequencing of different supply rails
and limiting the inrush current during start-up.
The TPS6281x-Q1 is available in a 3-mm × 2-mm
VQFN package with wettable flanks.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
TPS62810-Q1
RWY (VQFN, 9)
3.00 mm × 2.00 mm
TPS62811-Q1
TPS62812-Q1
TPS62813-Q1
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
L
0.47
H
m
MODE/SYNC
SW
FB
VIN
V
IN
2.75 V -
V
6
C
IN
22 mF
C
OUT
2 x 22
F
m
+ 10
F
m
TPS62810-Q1
EN
R
1
V
OUT
R
2
GND
PG
SS/TR
COMP/FSET
C
SS
R
3
C
FF
Simplified Schematic
Output Current (A)
50
55
60
65
70
75
80
85
90
95
100
100P
1m
10m
100m
1
4
D002
VIN = 4.0 V
VIN = 5.0 V
VIN = 6.0 V
Efficiency vs Output Current; VOUT = 3.3 V; PWM/
PFM; fS = 2.25 MHz
TPS62810-Q1, TPS62811-Q1, TPS62812-Q1, TPS62813-Q1
SLVSDU1J – AUGUST 2018 – REVISED MARCH 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DFE252012PD-R47M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFE252012PD-R47M TOKO-DFE252012PD-R47M Datasheet
222Kb / 1P
Metal Alloy Inductors
logo
Murata Manufacturing Co...
DFE252012PD-R47M MURATA-DFE252012PD-R47M Datasheet
1Mb / 2P
Inductor
More results

Similar Description - DFE252012PD-R47M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62810-Q1 TI1-TPS62810-Q1_19 Datasheet
2Mb / 41P
2.75-V to 6-V adjustable-frequency step-down converter
TPS62810-Q1_1905 TI1-TPS62810-Q1_1905 Datasheet
2Mb / 41P
2.75-V to 6-V adjustable-frequency step-down converter
TPS62810-Q1 TI1-TPS62810-Q1_V01 Datasheet
3Mb / 43P
2.75-V to 6-V Adjustable-Frequency Step-Down Converter
TPSM82810 TI1-TPSM82810_V01 Datasheet
2Mb / 38P
TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPS62810-Q1 TI1-TPS62810-Q1_V02 Datasheet
3Mb / 44P
TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
TPS62810-Q1 TI1-TPS62810-Q1_V03 Datasheet
3Mb / 45P
TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
TPS62810-Q1 TI-TPS62810-Q1_V04 Datasheet
3Mb / 46P
TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
TPSM82810 TI-TPSM82810_V03 Datasheet
2Mb / 39P
TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPS62810-Q1 TI-TPS62810-Q1_V05 Datasheet
4Mb / 46P
TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
TPS62810-Q1 TI-TPS62810-Q1_V06 Datasheet
5Mb / 53P
TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com