Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-R47M Datasheet(PDF) 8 Page - Texas Instruments

Part # DFE252012PD-R47M
Description  TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-R47M Datasheet(HTML) 8 Page - Texas Instruments

Back Button DFE252012PD-R47M Datasheet HTML 4Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 5Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 6Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 7Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 8Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 9Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 10Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 11Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
7.5 Electrical Characteristics (continued)
over operating junction temperature (TJ = -40 °C to +150 °C) and VIN = 2.75 V to 6 V. Typical values at VIN = 5 V and TJ = 25
°C. (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILKG_FB
FB Input Current for Fixed
Voltage Versions
VFB voltage at target output
voltage
1
µA
VFB
Feedback Voltage Accuracy
for Adjustable Voltage
Versions
VIN ≥ VOUT + 1 V
PWM mode
-1%
1%
VFB
Feedback Voltage Accuracy
for Fixed Voltage Versions
VIN ≥ VOUT + 1 V
PWM mode, Tj = –40°C to
125°C
-1%
1%
VFB
Feedback Voltage Accuracy
for Fixed Voltage Versions
VIN ≥ VOUT + 1 V
PWM mode
-1%
1.3%
VFB
Feedback Voltage Accuracy
VIN ≥ VOUT + 1 V;
VOUT ≥ 1.5 V
PFM mode;
Co,eff ≥ 22 µF,
L = 0.47 µH
-1%
2%
VFB
Feedback Voltage Accuracy
1 V ≤ VOUT < 1.5 V
PFM mode;
Co,eff ≥ 47 µF,
L = 0.47 µH
-1%
2.5%
VFB
Feedback Voltage Accuracy
with Voltage Tracking
VIN ≥ VOUT + 1 V;
VSS/TR = 0.3 V
PWM mode
-1%
7%
Load Regulation
PWM mode operation
0.05
%/A
Line Regulation
PWM mode operation, IOUT= 1 A, VIN ≥ VOUT + 1 V
0.02
%/V
Output Discharge Resistance
50
Ω
tdelay
Start-up Delay Time
IOUT = 0 mA, Time from EN=high to start switching; VIN
applied already
135
250
470
µs
tramp
Ramp time; SS/TR Pin Open
IOUT = 0 mA, Time from first switching pulse until 95% of
nominal output voltage; device not in current limit
100
150
200
µs
7.6 Typical Characteristics
Junction Temperature (°C)
20
24
28
32
36
40
44
48
52
56
60
64
68
72
76
80
-40
125
150
25
85
D002
VIN = 2.7V
VIN = 3.3V
VIN = 4.0V
VIN = 5.0V
VIN = 6.0V
Figure 7-1. Rds(on) of High-side Switch
Junction Temperature (°C)
10
14
18
22
26
30
34
38
42
46
50
-40
125
150
25
85
D002
VIN = 2.7V
VIN = 3.3V
VIN = 4.0V
VIN = 5.0V
VIN = 6.0V
Figure 7-2. Rds(on) of Low-side Switch
TPS62810-Q1, TPS62811-Q1, TPS62812-Q1, TPS62813-Q1
SLVSDU1J – AUGUST 2018 – REVISED MARCH 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS62810-Q1 TPS62811-Q1 TPS62812-Q1 TPS62813-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com