Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-R47M Datasheet(PDF) 12 Page - Texas Instruments

Part # DFE252012PD-R47M
Description  TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-R47M Datasheet(HTML) 12 Page - Texas Instruments

Back Button DFE252012PD-R47M Datasheet HTML 8Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 9Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 10Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 11Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 12Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 13Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 14Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 15Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
9.3 Feature Description
9.3.1 Precise Enable
The voltage applied at the Enable pin of the TPS6281x-Q1 is compared to a fixed threshold of 1.1 V for a rising
voltage. This allows to drive the pin by a slowly changing voltage and enables the use of an external RC network
to achieve a power-up delay.
The Precise Enable input provides a user-programmable undervoltage lockout by adding a resistor divider to the
input of the Enable pin.
The enable input threshold for a falling edge is typically 100 mV lower than the rising edge threshold. The
TPS6281x-Q1 starts operation when the rising threshold is exceeded. For proper operation, the EN pin must be
terminated and must not be left floating. Pulling the EN pin low forces the device into shutdown, with a shutdown
current of typically 1 μA. In this mode, the internal high-side and low-side MOSFETs are turned off and the entire
internal control circuitry is switched off.
9.3.2 COMP/FSET
This pin allows to set two different parameters independently:
• Internal compensation settings for the control loop
• The switching frequency in PWM mode from 1.8 MHz to 4 MHz
A resistor from COMP/FSET to GND changes the compensation as well as the switching frequency. The change
in compensation allows you to adapt the device to different values of output capacitance. The resistor must be
placed close to the pin to keep the parasitic capacitance on the pin to a minimum. The compensation setting
is sampled at start-up of the converter, so a change in the resistor during operation only has an effect on the
switching frequency but not on the compensation.
To save external components, the pin can also be directly tied to VIN or GND to set a pre-defined switching
frequency / compensation. Do not leave the pin floating.
The switching frequency has to be selected based on the input voltage and the output voltage to meet the
specifications for the minimum on-time and minimum off-time.
For example: VIN = 5 V, VOUT = 1 V --> duty cycle (DC) = 1 V / 5 V = 0.2
• with ton = DC × T --> ton,min = 1 / fs,max × DC
• --> fs,max = 1 / ton,min × DC = 1 / 0.075 µs · 0.2 = 2.67 MHz
The compensation range has to be chosen based on the minimum capacitance used. The capacitance can be
increased from the minimum value as given in Table 9-1 and Table 9-2, up to the maximum of 470 µF in all of
the three compensation ranges. If the capacitance of an output changes during operation, for example, when
load switches are used to connect or disconnect parts of the circuitry, the compensation has to be chosen for the
minimum capacitance on the output. With large output capacitance, the compensation must be done based on
that large capacitance to get the best load transient response. Compensating for large output capacitance but
placing less capacitance on the output can lead to instability.
The switching frequency for the different compensation setting is determined by the following equations.
For compensation (comp) setting 1:
Space
18
(
)
(
)
CF
S
MHz k
R
k
f MHz
× W
W =
(1)
For compensation (comp) setting 2:
Space
TPS62810-Q1, TPS62811-Q1, TPS62812-Q1, TPS62813-Q1
SLVSDU1J – AUGUST 2018 – REVISED MARCH 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS62810-Q1 TPS62811-Q1 TPS62812-Q1 TPS62813-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com