Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-R47M Datasheet(PDF) 14 Page - Texas Instruments

Part # DFE252012PD-R47M
Description  TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-R47M Datasheet(HTML) 14 Page - Texas Instruments

Back Button DFE252012PD-R47M Datasheet HTML 10Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 11Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 12Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 13Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 14Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 15Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 16Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 17Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
clock in a frequency range from 1.8 MHz to 4 MHz for external synchronization. Similar to COMP/FSET, the
specifications for the minimum on-time and minimum off-time have to be taken into account when setting
the external frequency. For use with external synchronization on the MODE/SYNC pin, the internal switching
frequency must be set by RCF to a similar value than the externally applied clock. This ensures a fast settling
to the external clock and, if the external clock fails, the switching frequency stays in the same range and the
compensation settings are still valid. When there is no resistor from COMP/FSET to GND but the pin is pulled
high or low, external synchronization is not possible.
9.3.4 Spread Spectrum Clocking (SSC)
For device versions with SSC enabled, the switching frequency is randomly changed in PWM mode when the
internal clock is used. The frequency variation is typically between the nominal switching frequency and up to
288 kHz above the nominal switching frequency. When the device is externally synchronized by applying a clock
signal to the MODE/SYNC pin, the TPS6281x-Q1 follows the external clock and the internal spread spectrum
block is turned off. SSC is also disabled during soft start.
9.3.5 Undervoltage Lockout (UVLO)
If the input voltage drops, the undervoltage lockout prevents mis-operation of the device by switching off both
the power FETs. The device is fully operational for voltages above the rising UVLO threshold and turns off if the
input voltage trips below the threshold for a falling supply voltage.
9.3.6 Power Good Output (PG)
Power good is an open-drain output driven by a window comparator. PG is held low when the device is disabled,
in undervoltage lockout, and in thermal shutdown. When the output voltage is in regulation hence, within the
window defined in the electrical characteristics, the output is high impedance.
Table 9-3. PG Status
EN
DEVICE STATUS
PG STATE
X
VIN < 2 V
undefined
low
VIN ≥ 2 V
low
high
2 V ≤ VIN ≤ UVLO OR in thermal shutdown OR VOUT not in regulation
low
high
VOUT in regulation
high impedance
9.3.7 Thermal Shutdown
The junction temperature (TJ) of the device is monitored by an internal temperature sensor. If TJ exceeds 170°C
(typ), the device goes into thermal shutdown. Both the high-side and low-side power FETs are turned off and
PG goes low. When TJ decreases by the hysteresis amount of typically 15°C, the converter resumes normal
operation, beginning with soft start. During a PFM pause, the thermal shutdown is not active. After a PFM pause,
the device needs up to 9 µs to detect a too high junction temperature. If the PFM burst is shorter than this delay,
the device does not detect a too high junction temperature.
9.4 Device Functional Modes
9.4.1 Pulse Width Modulation (PWM) Operation
TPS6281x-Q1 has two operating modes: Forced PWM mode (discussed in this section) and PWM/PFM
(discussed in Section 9.4.2).
With the MODE/SYNC pin set to high, the TPS6281x-Q1 operates with pulse width modulation in continuous
conduction mode (CCM). The switching frequency is either defined by a resistor from the COMP pin to GND or
by an external clock signal applied to the MODE/SYNC pin. With an external clock is applied to MODE/SYNC,
the TPS6281x-Q1 follows the frequency applied to the pin. To maintain regulation, the frequency must be in a
range the TPS6281x-Q1 can operate at, taking the minimum on-time into account.
9.4.2 Power Save Mode Operation (PWM/PFM)
When the MODE/SYNC pin is low, power save mode is allowed. The device operates in PWM mode as long
as the peak inductor current is above the PFM threshold of about 1.2 A. When the peak inductor current
TPS62810-Q1, TPS62811-Q1, TPS62812-Q1, TPS62813-Q1
SLVSDU1J – AUGUST 2018 – REVISED MARCH 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS62810-Q1 TPS62811-Q1 TPS62812-Q1 TPS62813-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com