Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-R47M Datasheet(PDF) 9 Page - Texas Instruments

Part # DFE252012PD-R47M
Description  TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-R47M Datasheet(HTML) 9 Page - Texas Instruments

Back Button DFE252012PD-R47M Datasheet HTML 5Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 6Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 7Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 8Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 9Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 10Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 11Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 12Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
8 Parameter Measurement Information
8.1 Schematic
L
0.47
H
m
MODE/SYNC
SW
FB
VIN
V
IN
2.75 V -
V
6
C
IN
22 mF
C
OUT
2 x 22
F
m
+ 10
F
m
TPS62810-Q1
EN
R
1
V
OUT
R
2
GND
PG
SS/TR
COMP/FSET
C
SS
R
3
C
FF
Figure 8-1. Measurement Setup for TPS62810-Q1 and TPS62813-Q1
Table 8-1. List of Components
REFERENCE
DESCRIPTION
MANUFACTURER (1)
IC
TPS62810-Q1 or TPS62813-Q1
Texas Instruments
L
0.47-µH inductor; XEL4030-471MEB
Coilcraft
CIN
22 µF / 10 V; GCM31CR71A226KE02L
Murata
COUT
2 × 22 µF / 10 V; GCM31CR71A226KE02L
+ 1 x×10 µF 6.3 V; GCM188D70J106ME36
Murata
CSS
4.7 nF (equal to 1-ms start-up ramp)
Any
RCF
8.06 kΩ
Any
CFF
10 pF
Any
R1
Depending on VOUT
Any
R2
Depending on VOUT
Any
R3
100 kΩ
Any
(1)
See the Third-party Products Disclaimer.
L
0.47
H
m
MODE/SYNC
SW
FB
VIN
V
IN
2.75 V -
V
6
C
IN
22 mF
C
OUT
1 x 22
F
m
+ 10
F
m
TPS62812-Q1
EN
R
1
V
OUT
R
2
GND
PG
SS/TR
COMP/FSET
C
SS
R
3
C
FF
Figure 8-2. Measurement Setup for TPS62812-Q1 and TPS62811-Q1
www.ti.com
TPS62810-Q1, TPS62811-Q1, TPS62812-Q1, TPS62813-Q1
SLVSDU1J – AUGUST 2018 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS62810-Q1 TPS62811-Q1 TPS62812-Q1 TPS62813-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com