Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-R47M Datasheet(PDF) 17 Page - Texas Instruments

Part # DFE252012PD-R47M
Description  TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-R47M Datasheet(HTML) 17 Page - Texas Instruments

Back Button DFE252012PD-R47M Datasheet HTML 13Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 14Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 15Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 16Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 17Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 18Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 19Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 20Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
10 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
10.1 Application Information
10.1.1 Programming the Output Voltage
The output voltage of the TPS6281x-Q1 is adjustable. The output voltage can be programmed for output
voltages from 0.6 V to 5.5 V using a resistor divider from VOUT to GND. The voltage at the FB pin is regulated
to 600 mV. The value of the output voltage is set by the selection of the resistor divider from Equation 7. TI
recommends to choose resistor values which allow a current of at least 2 µA, meaning the value of R2 must not
exceed 400 kΩ. TI recommends lower resistor values for highest accuracy and most robust design.
1
2
1
OUT
FB
V
R
R
V
×
æ
ö
=
-
ç
÷
è
ø
(7)
10.1.2 External Component Selection
10.1.2.1 Inductor Selection
The TPS6281x-Q1 is designed for a nominal 0.47-µH inductor with a switching frequency of typically 2.25 MHz.
Larger values can be used to achieve a lower inductor current ripple but they can have a negative impact on
efficiency and transient response. Smaller values than 0.47 µH cause a larger inductor current ripple which
causes larger negative inductor current in forced PWM mode at low or no output current. For a higher or
lower nominal switching frequency, the inductance must be changed accordingly. See Recommended Operating
Conditions for details.
The inductor selection is affected by several effects like inductor ripple current, output ripple voltage, PWM-to-
PFM transition point, and efficiency. In addition, the inductor selected has to be rated for appropriate saturation
current and DC resistance (DCR). Equation 8 calculates the maximum inductor current.
2
(max)
(max)
(max)
L
OUT
L
I
I
I
D
+
=
(8)
(max)
1
1
min
OUT
OUT
IN
L
SW
V
V
V
I
L
f
×
æ
ö
-
ç
÷
è
ø
D
=
×
(9)
where
• IL(max) is the maximum inductor current
• ΔIL(max) is the peak-to-peak inductor ripple current
• Lmin is the minimum inductance at the operating point
Table 10-1. Typical Inductors
TYPE
INDUCTANCE
[µH]
CURRENT [A]
(1)
FOR DEVICE
NOMINAL
SWITCHING
FREQUENCY
DIMENSIONS
[LxBxH] mm
MANUFACTURER(2)
XFL4015-471ME
0.47 µH, ±20%
3.5
TPS62813-Q1,
TPS62812-Q1
2.25 MHz
4 × 4 ×1.6
Coilcraft
www.ti.com
TPS62810-Q1, TPS62811-Q1, TPS62812-Q1, TPS62813-Q1
SLVSDU1J – AUGUST 2018 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TPS62810-Q1 TPS62811-Q1 TPS62812-Q1 TPS62813-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com