Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-R47M Datasheet(PDF) 16 Page - Texas Instruments

Part # DFE252012PD-R47M
Description  TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-R47M Datasheet(HTML) 16 Page - Texas Instruments

Back Button DFE252012PD-R47M Datasheet HTML 12Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 13Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 14Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 15Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 16Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 17Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 18Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 19Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
a delay of about 200 μs then the internal reference and hence VOUT rises with a slope controlled by an external
capacitor connected to the SS/TR pin.
Leaving the SS/TR pin un-connected provides the fastest startup ramp with 150 µs typically. A capacitor
connected from SS/TR to GND is charged with 2.5 µA by an internal current source during soft start until it
reaches the reference voltage of 0.6 V. The capacitance required to set a certain ramp-time (tramp) therefore is:
(6)
If the device is set to shutdown (EN = GND), undervoltage lockout, or thermal shutdown, an internal resistor
pulls the SS/TR pin to GND to ensure a proper low level. Returning from those states causes a new start-up
sequence.
A voltage applied at SS/TR can be used to track a master voltage. The output voltage follows this voltage in both
directions up and down in forced PWM mode. In PFM mode, the output voltage decreases based on the load
current. The SS/TR pin must not be connected to the SS/TR pin of other devices. An external voltage applied
on SS/TR is internally clamped to the feedback voltage (0.6 V). TI recommends to set the target for the external
voltage on SS/TR slightly above the feedback voltage. Given the tolerances of the resistor divider R5 and R6 on
SS/TR, this ensures the device "switches" to the internal reference voltage when the power-up sequencing is
finished. See Figure 10-58.
TPS62810-Q1, TPS62811-Q1, TPS62812-Q1, TPS62813-Q1
SLVSDU1J – AUGUST 2018 – REVISED MARCH 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS62810-Q1 TPS62811-Q1 TPS62812-Q1 TPS62813-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com