Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-R47M Datasheet(PDF) 7 Page - Texas Instruments

Part # DFE252012PD-R47M
Description  TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-R47M Datasheet(HTML) 7 Page - Texas Instruments

Back Button DFE252012PD-R47M Datasheet HTML 3Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 4Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 5Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 6Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 7Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 8Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 9Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 10Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7.5 Electrical Characteristics (continued)
over operating junction temperature (TJ = -40 °C to +150 °C) and VIN = 2.75 V to 6 V. Typical values at VIN = 5 V and TJ = 25
°C. (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISS/TR
SS/TR Pin Source Current
2.1
2.5
2.8
µA
Tracking Gain
VFB / VSS/TR for nominal VFB = 0.6 V
1
Tracking Offset
feedback voltage with VSS/TR = 0 V for nominal VFB = 0.6 V
17
mV
POWER SWITCH
RDS(ON)
High-Side MOSFET ON-
Resistance
VIN ≥ 5 V
37
60
mΩ
RDS(ON)
Low-Side MOSFET ON-
Resistance
VIN ≥ 5 V
15
35
mΩ
High-Side MOSFET leakage
current
VIN = 6 V; V(SW) = 0 V
30
µA
Low-Side MOSFET leakage
current
V(SW) = 6 V
55
µA
SW leakage
V(SW) = 0.6 V; current into SW pin
-0.025
30
µA
ILIMH
High-Side MOSFET Current
Limit
dc value, for TPS62810; VIN = 3 V to 6 V
4.8
5.6
6.55
A
ILIMH
High-Side MOSFET Current
Limit
dc value, for TPS62813; VIN = 3V to 6 V
3.9
4.5
5.25
A
ILIMH
High-Side MOSFET Current
Limit
dc value, for TPS62812; VIN = 3 V to 6 V
2.8
3.4
4.2
A
ILIMH
High-Side MOSFET Current
Limit
dc value, for TPS62811; VIN = 3 V to 6 V
2.0
2.6
3.25
A
ILIMNEG
Negative Valley Current Limit
dc value
-1.8
A
fS
PWM Switching Frequency
Range
1.8
2.25
4
MHz
fS
PWM Switching Frequency
with COMP/FSET tied to VIN or GND
2.025
2.25
2.475
MHz
PWM Switching Frequency
Tolerance
using a resistor from COMP/FSET to GND, fs = 1.8 MHz to 4
MHz
-19%
18%
ton,min
Minimum on-time of HS FET
TJ = –40°C to 125°C, VIN = 3.3 V
50
75
ns
ton,min
Minimum on-time of LS FET
VIN = 3.3 V
30
ns
OUTPUT
VFB
Feedback Voltage
adjustable output voltage versions
0.6
V
VFB
Feedback Voltage
fixed output voltage
TPS6281302
0.8
V
VFB
Feedback Voltage
fixed output voltage
TPS6281206, TPS6281126,
TPS6281326, TPS6281006
1.0
V
VFB
Feedback Voltage
fixed output voltage
TPS6281208, TPS6281008,
TPS6281228
1.1
V
VFB
Feedback Voltage
fixed output voltage
TPS6281109
1.15
V
VFB
Feedback Voltage
fixed output voltage
TPS628110A, TPS628112A,
TPS628122A, TPS628130A
1.2
V
VFB
Feedback Voltage
fixed output voltage
TPS628132D
1.35
V
VFB
Feedback Voltage
fixed output voltage
TPS628122G
1.5
V
VFB
Feedback Voltage
fixed output voltage
TPS628112M, TPS628120M,
TPS628132D, TPS628100M,
TPS628132M
1.8
V
VFB
Feedback VoltageVoltage
fixed output voltage
TPS628113H
3.3
V
ILKG_FB
FB Input Leakage Current for
Adjustable Voltage Versions
VFB = 0.6 V
1
70
nA
www.ti.com
TPS62810-Q1, TPS62811-Q1, TPS62812-Q1, TPS62813-Q1
SLVSDU1J – AUGUST 2018 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS62810-Q1 TPS62811-Q1 TPS62812-Q1 TPS62813-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com