Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-R47M Datasheet(PDF) 18 Page - Texas Instruments

Part # DFE252012PD-R47M
Description  TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-R47M Datasheet(HTML) 18 Page - Texas Instruments

Back Button DFE252012PD-R47M Datasheet HTML 14Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 15Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 16Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 17Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 18Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 19Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 20Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 21Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Table 10-1. Typical Inductors (continued)
TYPE
INDUCTANCE
[µH]
CURRENT [A]
(1)
FOR DEVICE
NOMINAL
SWITCHING
FREQUENCY
DIMENSIONS
[LxBxH] mm
MANUFACTURER(2)
XEL4020-561ME
0.56 µH, ±20%
9.9
TPS62810-Q1,
TPS62813-Q1,
TPS62812-Q1
2.25 MHz
4 × 4 × 2.1
Coilcraft
XEL4030-471ME
0.47 µH, ±20%
12.3
TPS62810-Q1,
TPS62813-Q1,
TPS62812-Q1
2.25 MHz
4 × 4 × 3.1
Coilcraft
XEL3515-561ME
0.56 µH, ±20%
4.5
TPS62813-Q1,
TPS62812-Q1
2.25 MHz
3.5 × 3.2 × 1.5
Coilcraft
XFL3012-331MEB
0.33 µH, ±20%
2.6
TPS62811-Q1
TPS62812-Q1
≥ 3.5 MHz
3 × 3 × 1.3
Coilcraft
XPL2010-681ML
0.68 µH, ±20%
1.5
TPS62811-Q1
2.25 MHz
2 x 1.9 x 1
Coilcraft
DFE252012PD-R47M
0.47 µH, ±20%
see data sheet
TPS62812-Q1,
TPS62813-Q1
2.25 MHz
2.5 × 2 × 1.2
Murata
(1)
Lower of IRMS at 20°C rise or ISAT at 20% drop.
(2)
See the Third-party Products Disclaimer.
Calculating the maximum inductor current using the actual operating conditions gives the minimum saturation
current of the inductor needed. TI recommends a margin of about 20% to add. A larger inductor value is also
useful to get lower ripple current, but increases the transient response time and size as well.
10.1.3 Capacitor Selection
10.1.3.1 Input Capacitor
For most applications, 22 µF nominal is sufficient and recommended. The input capacitor buffers the input
voltage for transient events and also decouples the converter from the supply. TI recommends a low-ESR
multilayer ceramic capacitor (MLCC) for best filtering and must be placed between VIN and GND as close as
possible to those pins.
10.1.3.2 Output Capacitor
The architecture of the TPS6281x-Q1 allows the use of tiny ceramic output capacitors with low equivalent series
resistance (ESR). These capacitors provide low output voltage ripple and are recommended. To keep its low
resistance up to high frequencies and to get narrow capacitance variation with temperature, TI recommends to
use dielectric X7R, X7T, or an equivalent. Using a higher value has advantages like smaller voltage ripple and
a tighter DC output accuracy in power save mode. By changing the device compensation with a resistor from
COMP/FSET to GND, the device can be compensated in three steps based on the minimum capacitance used
on the output. The maximum capacitance is 470 µF in any of the compensation settings.
The minimum capacitance required on the output depends on the compensation setting as well as on the current
rating of the device. TPS62810-Q1 and TPS62813-Q1 require a minimum output capacitance of 27 µF while
the lower current versionsTPS62812-Q1and TPS62811-Q1 requires 15 µF at minimum. The required output
capacitance also changes with the output voltage.
For output voltages below 1 V, the minimum increases linearly from 32 µF at 1 V to 53 µF at 0.6 V for
the TPS62810-Q1, the TPS62813-Q1 with the compensation setting for smallest output capacitance. Other
compensation ranges for TPS62811-Q1 and TPS62812-Q1 , or both are equivalent. See Table 9-1 and Table 9-2
for details.
TPS62810-Q1, TPS62811-Q1, TPS62812-Q1, TPS62813-Q1
SLVSDU1J – AUGUST 2018 – REVISED MARCH 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS62810-Q1 TPS62811-Q1 TPS62812-Q1 TPS62813-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com