Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-R47M Datasheet(PDF) 27 Page - Texas Instruments

Part # DFE252012PD-R47M
Description  TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-R47M Datasheet(HTML) 27 Page - Texas Instruments

Back Button DFE252012PD-R47M Datasheet HTML 23Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 24Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 25Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 26Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 27Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 28Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 29Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 30Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
VOUT = 1.8 V
PFM
TA = 25°C
IOUT = 0.5 A
VIN = 5.0 V
BW = 20 MHz
Figure 10-44. Output Voltage Ripple
VOUT = 1.8 V
PWM
TA = 25°C
IOUT = 4 A
VIN = 5.0 V
BW = 20 MHz
Figure 10-45. Output Voltage Ripple
VOUT = 1.2 V
PFM
TA = 25°C
IOUT = 0.5 A
VIN = 5.0 V
BW = 20 MHz
Figure 10-46. Output Voltage Ripple
VOUT = 1.2 V
PWM
TA = 25°C
IOUT = 4 A
VIN = 5.0 V
BW = 20 MHz
Figure 10-47. Output Voltage Ripple
VOUT = 1.0 V
PFM
TA = 25°C
IOUT = 0.5 A
VIN = 5.0 V
BW = 20 MHz
Figure 10-48. Output Voltage Ripple
VOUT = 1.0 V
PWM
TA = 25°C
IOUT = 4 A
VIN = 5.0 V
BW = 20 MHz
Figure 10-49. Output Voltage Ripple
www.ti.com
TPS62810-Q1, TPS62811-Q1, TPS62812-Q1, TPS62813-Q1
SLVSDU1J – AUGUST 2018 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TPS62810-Q1 TPS62811-Q1 TPS62812-Q1 TPS62813-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com