Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-R47M Datasheet(PDF) 3 Page - Texas Instruments

Part # DFE252012PD-R47M
Description  TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-R47M Datasheet(HTML) 3 Page - Texas Instruments

  DFE252012PD-R47M Datasheet HTML 1Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 2Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 3Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 4Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 5Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 6Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 7Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 8Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
5 Device Comparison Table
DEVICE NUMBER
OUTPUT
CURRENT
Vout
DISCHARGE
FOLDBACK
CURRENT LIMIT
SPREAD SPECTRUM
CLOCKING (SSC)
OUTPUT VOLTAGE
TPS62811QWRWYRQ1
1 A
ON
OFF
OFF
adjustable
TPS6281120QWRWYRQ1
1 A
ON
OFF
ON
adjustable
TPS6281126QWRWYRQ1
1 A
ON
OFF
ON
fixed 1.0 V
TPS6281109QWRWYRQ1
1 A
ON
OFF
OFF
fixed 1.15 V
TPS628110AQWRWYRQ1
1 A
ON
OFF
OFF
fixed 1.2 V
TPS628112AQWRWYRQ1
1 A
ON
OFF
ON
fixed 1.2 V
TPS628112MQWRWYRQ1
1 A
ON
OFF
ON
fixed 1.8 V
TPS628113HQWRWYRQ1
1 A
ON
OFF
ON
fixed 3.3 V
TPS62812QWRWYRQ1
2 A
ON
OFF
OFF
adjustable
TPS6281220QWRWYRQ1
2 A
ON
OFF
ON
adjustable
TPS6281240QWRWYRQ1
2 A
OFF
OFF
ON
adjustable
TPS6281206QWRWYRQ1
2 A
ON
OFF
OFF
fixed 1.0 V
TPS6281208QWRWYRQ1
2 A
ON
OFF
OFF
fixed 1.1 V
TPS6281228QWRWYRQ1
2 A
ON
OFF
ON
fixed 1.1 V
TPS628122AQWRWYRQ1
2A
ON
OFF
ON
fixed 1.2 V
TPS628122GQWRWYRQ1
2 A
ON
OFF
ON
fixed 1.5 V
TPS628120MQWRWYRQ1
2 A
ON
OFF
OFF
fixed 1.8 V
TPS62813QWRWYRQ1
3 A
ON
OFF
OFF
adjustable
TPS6281320QWRWYRQ1
3 A
ON
OFF
ON
adjustable
TPS6281326QWRWYRQ1
3 A
ON
OFF
ON
fixed 1.0 V
TPS628132DQWRWYRQ1
3 A
ON
OFF
ON
fixed 1.35 V
TPS628132MQWRWYRQ1
3 A
ON
OFF
ON
fixed 1.8 V
TPS628130AQWRWYRQ1
3 A
ON
OFF
OFF
fixed 1.2 V
TPS6281302QWRWYRQ1
3 A
ON
OFF
OFF
fixed 0.8 V
TPS62810QWRWYRQ1
4 A
ON
OFF
OFF
adjustable
TPS6281020QWRWYRQ1
4 A
ON
OFF
ON
adjustable
TPS6281006QWRWYRQ1
4A
ON
OFF
OFF
fixed 1.0 V
TPS6281008QWRWYRQ1
4 A
ON
OFF
OFF
fixed 1.1 V
TPS628100MQWRWYRQ1
4 A
ON
OFF
OFF
fixed 1.8 V
www.ti.com
TPS62810-Q1, TPS62811-Q1, TPS62812-Q1, TPS62813-Q1
SLVSDU1J – AUGUST 2018 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS62810-Q1 TPS62811-Q1 TPS62812-Q1 TPS62813-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com