Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-R47M Datasheet(PDF) 30 Page - Texas Instruments

Part # DFE252012PD-R47M
Description  TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-R47M Datasheet(HTML) 30 Page - Texas Instruments

Back Button DFE252012PD-R47M Datasheet HTML 26Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 27Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 28Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 29Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 30Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 31Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 32Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 33Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
10.3 System Examples
10.3.1 Fixed Output Voltage Versions
Versions with an internally fixed output voltage allow you to remove the external feedback voltage divider. This
not only allows you to reduce the total solution size but also provides higher accuracy as there is no additional
error caused by the external resistor divider. The FB pin must be tied to the output voltage directly as shown in
Figure 10-57. Independent of that, the application shown runs with an internally defined switching frequency of
2.25 MHz by connecting COMP/FSET to GND.
L
0.56
H
m
MODE/SYNC
SW
FB
VIN
V
IN
2.75 V -
V
6
C
IN
22 mF
C
OUT
1 x 22
F
m
+ 10
F
m
TPS62812x-Q1
EN
V
OUT
GND
PG
SS/TR
COMP/FSET
C
SS
R
3
Figure 10-57. Schematic for Fixed Output Voltage Versions
10.3.2 Voltage Tracking
The TPS6281x-Q1 follows the voltage applied to the SS/TR pin. A voltage ramp on SS/TR to 0.6 V ramps the
output voltage according to the 0.6 V feedback voltage.
Tracking the 3.3 V of device 1, such that both rails reach their target voltage at the same time, requires a resistor
divider on SS/TR of device 2 equal to the output voltage divider of device 1. The output current of 2.5 µA on
the SS/TR pin causes an offset voltage on the resistor divider formed by R5 and R6. The equivalent resistance
of R5 // R6, so it must be kept below 15 kΩ. The current from SS/TR causes a slightly higher voltage across R6
than 0.6 V, which is desired because device 2 switches to its internal reference as soon as the voltage at SS/TR
is higher than 0.6 V.
In case both devices must run in forced PWM mode, TI recommends to tie the MODE pin of device 2 to the
output voltage or the power good signal of device 1, the master device. The TPS6281x-Q1 has a duty cycle
limitation defined by the minimum on-time. For tracking down to low output voltages, device 2 cannot follow after
the minimum duty cycle is reached. Enabling PFM mode while tracking is in progress allows you to ramp down
the output voltage close to 0 V.
TPS62810-Q1, TPS62811-Q1, TPS62812-Q1, TPS62813-Q1
SLVSDU1J – AUGUST 2018 – REVISED MARCH 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS62810-Q1 TPS62811-Q1 TPS62812-Q1 TPS62813-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com