Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-R47M Datasheet(PDF) 4 Page - Texas Instruments

Part # DFE252012PD-R47M
Description  TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-R47M Datasheet(HTML) 4 Page - Texas Instruments

  DFE252012PD-R47M Datasheet HTML 1Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 2Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 3Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 4Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 5Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 6Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 7Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 8Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
6 Pin Configuration and Functions
PG
SS/TR
VIN
SW
GND
5
4
6
7
8
9
1
2
3
PG
EN
VIN
SW
GND
5
4
6
7
8
9
1
2
3
bottom view
top view
FB
COMP/
FSET
EN
Figure 6-1. RWY Package 9 Pin (VQFN)
Table 6-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
EN
8
I
This pin is the enable pin of the device. Connect to logic low to disable the device. Pull high
to enable the device. Do not leave this pin unconnected.
FB
5
I
Voltage feedback input, connect the resistive output voltage divider to this pin. For the fixed
voltage versions, connect the FB pin directly to the output voltage.
GND
4
Ground pin
MODE/SYNC
1
I
The device runs in PFM/PWM mode when this pin is pulled low. If the pin is pulled high, the
device runs in forced PWM mode. Do not leave this pin unconnected. The mode pin can
also be used to synchronize the device to an external frequency. See the Section 7 for the
detailed specification of the digital signal applied to this pin for external synchronization.
COMP/FSET
7
I
Device compensation and frequency set input. A resistor from this pin to GND defines
the compensation of the control loop as well as the switching frequency if not externally
synchronized. If the pin is tied to GND or VIN, the switching frequency is set to 2.25 MHz.
Do not leave this pin unconnected.
PG
9
O
Open drain power good output. Low impedance when not "power good", high impedance
when "power good". This pin can be left open or be tied to GND when not used.
SS/TR
6
I
Soft-Start / Tracking pin. A capacitor connected from this pin to GND defines the rise time
for the internal reference voltage. The pin can also be used as an input for tracking and
sequencing - see the Soft Start / Tracking (SS/TR) section.
SW
3
This pin is the switch pin of the converter and is connected to the internal Power MOSFETs.
VIN
2
Power supply input. Connect the input capacitor as close as possible between pin VIN and
GND.
TPS62810-Q1, TPS62811-Q1, TPS62812-Q1, TPS62813-Q1
SLVSDU1J – AUGUST 2018 – REVISED MARCH 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS62810-Q1 TPS62811-Q1 TPS62812-Q1 TPS62813-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com