Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-R47M Datasheet(PDF) 13 Page - Texas Instruments

Part # DFE252012PD-R47M
Description  TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-R47M Datasheet(HTML) 13 Page - Texas Instruments

Back Button DFE252012PD-R47M Datasheet HTML 9Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 10Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 11Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 12Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 13Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 14Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 15Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 16Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
60
(
)
(
)
CF
S
MHz k
R
k
f MHz
× W
W =
(2)
Space
For compensation (comp) setting 3:
Space
180
(
)
(
)
CF
S
MHz k
R
k
f MHz
× W
W =
(3)
Table 9-1. Switching Frequency and Compensation for TPS62810-Q1 (4 A) and TPS62813-Q1 (3 A)
COMPENSATION
RCF
SWITCHING FREQUENCY
MINIMUM OUTPUT
CAPACITANCE
FOR VOUT < 1 V
MINIMUM OUTPUT
CAPACITANCE
FOR 1 V ≤ VOUT < 3.3 V
MINIMUM OUTPUT
CAPACITANCE
FOR VOUT ≥ 3.3 V
for smallest output
capacitance
(comp setting 1)
10 kΩ ... 4.5 kΩ
1.8 MHz (10 kΩ) ... 4 MHz (4.5 kΩ)
according to Equation 1
53 µF
32 µF
27 µF
for medium output
capacitance
(comp setting 2)
33 kΩ ... 15 kΩ
1.8 MHz (33 kΩ) ... 4 MHz (15 kΩ)
according to Equation 2
100 µF
60 µF
50 µF
for large output
capacitance
(comp setting 3)
100 kΩ ... 45 kΩ
1.8 MHz (100 kΩ) ... 4 MHz (45 kΩ)
according to Equation 3
200 µF
120 µF
100 µF
for smallest output
capacitance
(comp setting 1)
tied to GND
internally fixed 2.25 MHz
53 µF
32 µF
27 µF
for large output
capacitance
(comp setting 3)
tied to VIN
internally fixed 2.25 MHz
200 µF
120 µF
100 µF
Table 9-2. Switching Frequency and Compensation for TPS62812-Q1 (2 A) and TPS62811-Q1 (1 A)
COMPENSATION
RCF
SWITCHING FREQUENCY
MINIMUM OUTPUT
CAPACITANCE
FOR VOUT < 1 V
MINIMUM OUTPUT
CAPACITANCE
FOR 1 V ≤ VOUT < 3.3 V
MINIMUM OUTPUT
CAPACITANCE
FOR VOUT ≥ 3.3 V
for smallest output
capacitance
(comp setting 1)
10 kΩ ... 4.5 kΩ
1.8 MHz (10 kΩ) ... 4 MHz (4.5 kΩ)
according to Equation 1
30 µF
18 µF
15 µF
for medium output
capacitance
(comp setting 2)
33 kΩ ... 15 kΩ
1.8 MHz (33 kΩ) ... 4 MHz (15 kΩ)
according to Equation 2
60 µF
36 µF
30 µF
for large output
capacitance
(comp setting 3)
100 kΩ ... 45 kΩ
1.8MHz (100 kΩ) ...4 MHz (45 kΩ)
according to Equation 3
130 µF
80 µF
68 µF
for smallest output
capacitance
(comp setting 1)
tied to GND
internally fixed 2.25 MHz
30 µF
18 µF
15 µF
for large output
capacitance
(comp setting 3)
tied to VIN
internally fixed 2.25 MHz
130 µF
80 µF
68 µF
Refer to Section 10.1.3.2 for further details on the output capacitance required depending on the output voltage.
A too high resistor value for RCF is decoded as "tied to VIN", a value below the lowest range is decoded as "tied
to GND". The minimum output capacitance in Table 9-1 and Table 9-2 is for capacitors close to the output of the
device. If the capacitance is distributed, a lower compensation setting can be required. All values are effective
capacitance, including all tolerances, aging, dc bias effect, and so forth.
9.3.3 MODE / SYNC
When MODE/SYNC is set low, the device operates in PWM or PFM mode, depending on the output current.
The MODE/SYNC pin allows to force PWM mode when set high. The pin also allows you to apply an external
www.ti.com
TPS62810-Q1, TPS62811-Q1, TPS62812-Q1, TPS62813-Q1
SLVSDU1J – AUGUST 2018 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS62810-Q1 TPS62811-Q1 TPS62812-Q1 TPS62813-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com