Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012PD-R47M Datasheet(PDF) 19 Page - Texas Instruments

Part # DFE252012PD-R47M
Description  TPS6281x-Q1 2.75-V to 6-V Adjustable-Frequency Step-Down Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DFE252012PD-R47M Datasheet(HTML) 19 Page - Texas Instruments

Back Button DFE252012PD-R47M Datasheet HTML 15Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 16Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 17Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 18Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 19Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 20Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 21Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 22Page - Texas Instruments DFE252012PD-R47M Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
10.2 Typical Application
L
0.47
H
m
MODE/SYNC
SW
FB
VIN
V
IN
2.75 V -
V
6
C
IN
22 mF
C
OUT
2 x 22
F
m
+ 10
F
m
TPS62810-Q1
EN
R
1
V
OUT
R
2
GND
PG
SS/TR
COMP/FSET
C
SS
R
3
C
FF
Figure 10-1. Typical Application
10.2.1 Design Requirements
The design guidelines provide a component selection to operate the device within the recommended operating
conditions.
10.2.2 Detailed Design Procedure
1
2
1
OUT
FB
V
R
R
V
×
æ
ö
=
-
ç
÷
è
ø
(10)
With VFB = 0.6 V:
Table 10-2. Setting the Output Voltage
NOMINAL OUTPUT VOLTAGE
VOUT
R1
R2
CFF
EXACT OUTPUT VOLTAGE
0.8 V
16.9 kΩ
51 kΩ
10 pF
0.7988 V
1.0 V
20 kΩ
30 kΩ
10 pF
1.0 V
1.1 V
39.2 kΩ
47 kΩ
10 pF
1.101 V
1.2 V
68 kΩ
68 kΩ
10 pF
1.2 V
1.5 V
76.8 kΩ
51 kΩ
10 pF
1.5 V
1.8 V
80.6 kΩ
40.2 kΩ
10 pF
1.803 V
2.5 V
47.5 kΩ
15 kΩ
10 pF
2.5 V
3.3 V
88.7 kΩ
19.6 kΩ
10 pF
3.315 V
www.ti.com
TPS62810-Q1, TPS62811-Q1, TPS62812-Q1, TPS62813-Q1
SLVSDU1J – AUGUST 2018 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TPS62810-Q1 TPS62811-Q1 TPS62812-Q1 TPS62813-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com