Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM861253 Datasheet (PDF) - Texas Instruments

TPSM861253 Datasheet PDF - Texas Instruments
Part # TPSM861253_V01
Download  TPSM861253 Download
File Size   1024.67 Kbytes
Page   24 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPSM861253 3.8V to 17V Input, 1A, Synchronous Buck Module in QFN Package

TPSM861253 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSM861253 Datasheet PDF - Texas Instruments

Part # TPSM861253_V01
Download  TPSM861253 Click to download

File Size   1024.67 Kbytes
Page   24 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPSM861253 3.8V to 17V Input, 1A, Synchronous Buck Module in QFN Package

TPSM861253 Datasheet (HTML) - Texas Instruments


TPSM861253 Product details

1 Features
• Configured for a wide range of applications
– 3.8V to 17V wide input voltage range
– Fixed 3.3V output voltage for TPSM861253
– ±1% output voltage accuracy from 0 to 65°C
– Integrated 55mΩ and 24mΩ MOSFETs
– 1.4MHz switching frequency
– Maximum 95% large duty cycle operation
– 1.2V precision EN threshold voltage
– 1.6ms fixed typical soft-start time
• Ease of use and small design size
– TPSM861253 forced continuous conduction
mode (FCCM) at light loading
– Fast transient D-CAP3™ control mode
– Easy layout with integrated inductor and
feedback resistor
– Support start-up with prebiased output voltage
– Open-drain power-good indicator
– Non-latch for OV, OT, and UVLO protection
– Hiccup mode in UV protection
– Cycle-by-cycle OC and NOC protection
– –40°C to 125°C operating junction temperature
– 3.3mm × 4mm × 2mm QFN package
• Create a custom design using the TPSM861253
with the WEBENCH® Power Designer

2 Applications
• Merchant network and server PSU
• AC/DC adapters/PSU
• Factory automation and control
• Test and measurement

3 Description
The TPSM861253 is a simple, easy-to-use, highefficiency,
high-power density, synchronous buck
module with input voltage ranging from 3.8V to 17V
and supports up to 1A continuous current.
The TPSM861253 employs D-CAP3 control mode
to provide a fast transient response and to support
low-ESR output capacitors with no requirement for
external compensation. The device can support up to
95% duty cycle operation.
TPSM861253 is fixed 3.3V output voltage part
with FCCM mode. The device integrates complete
protection through OVP, OCP, UVLO, OTP, and UVP
with hiccup.
The device is available in a QFN package. The
junction temperature is specified from –40°C to
125°C.




Similar Part No. - TPSM861253_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM861253RDXR TI1-TPSM861253RDXR Datasheet
1Mb / 29P
TPSM86125x 3V to 17V Input, 1A, Synchronous Buck Module in QFN Package
MARCH 2024
More results


Similar Description - TPSM861253_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62150 TI1-TPS62150 Datasheet
1Mb / 33P
3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62150 TI1-TPS62150_13 Datasheet
1Mb / 34P
3-17V 1A Step-Down Converter in 3x3 QFN Package
logo
Renesas Technology Corp
ISL85012 RENESAS-ISL85012 Datasheet
973Kb / 19P
12A, 3.8V to 18V Input, Synchronous Buck Regulator
logo
Intersil Corporation
ISL85009 INTERSIL-ISL85009 Datasheet
686Kb / 20P
9A, 3.8V to 18V Input, Synchronous Buck Regulator
February 13, 2017
logo
Diodes Incorporated
AP64102 DIODES-AP64102 Datasheet
1Mb / 21P
3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 2 - 2 July 2021
AP64100 DIODES-AP64100 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 March 2021
logo
Renesas Technology Corp
ISL85009 RENESAS-ISL85009 Datasheet
1Mb / 21P
9A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
ISL85014 RENESAS-ISL85014 Datasheet
1Mb / 22P
14A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
logo
Texas Instruments
TPSM863252 TI-TPSM863252_V01 Datasheet
1Mb / 23P
TPSM86325x 3-V to 17-V Input, 3-A, Synchronous Buck Module in QFN Package
REVISED JUNE 2023
TPSM861253 TI-TPSM861253 Datasheet
1Mb / 27P
TPSM861253 3.8-V to 17-V Input, 1-A, Synchronous Buck Module in QFN Package
SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com